Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABMC2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABMC2
Description  SMD MICROPROCESSOR CRYSTAL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMC2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABMC2_15 Datasheet HTML 1Page - Abracon Corporation ABMC2_15 Datasheet HTML 2Page - Abracon Corporation ABMC2_15 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
| | | | | | | | | | | | | | |
ABMC2
11.0 x 5.0 x 2.0 mm
Pb RoHS
Compliant
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.19.10
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
OPTIONS AND PART IDENTIFICATION:
(Left blank if standard)
SMD MICROPROCESSOR CRYSTAL
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABMC2 -
MHz -
- R
-
-
-
-
-
Packaging
Blank: Bulk
T: Tape & Reel
Frequency in MHz
e.g. 24.576MHz
14.31818MHz
26.000MHz
Load Capacitance
Please specify CL in pF or
S for Series (minimum 7pF)
ESR
Specify a value in Ω
Operating Temp.
E: 0°C ~ +70°C
B: -20°C ~ +70°C
C: -30°C ~ +70°C
N: -30°C ~ +85°C
D***: -40°C ~ +85°C
*** ± 100 ppm max. over
- 40°C to + 85° C only
for BT-cut
Freq. Tolerance
1: ± 10 ppm
7: ± 15 ppm
2: ± 20 ppm
3: ± 25 ppm
4: ± 30 ppm
Freq. Stability
U: ± 10 ppm(*)
G: ± 15 ppm(**)
X: ± 20 ppm
W: ± 25 ppm
Y: ± 30 ppm
H: ± 35 ppm
Z: ± 50 ppm
* -10°C to 60°C only
** Temp option E, B,
C, and N only
Mode
F: Fund.AT for 32~41MHz
FB: Fund.BT for 22~46MHz
Dimensions: inch (mm)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com