Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3384ECWN Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX3384ECWN
Description  짹15kV ESD-Protected, 3.0V to 5.5V, Low-Power, up to 250kbps, True RS-232 Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3384ECWN Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX3384ECWN Datasheet HTML 1Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 2Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 3Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 4Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 5Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 6Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 7Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 8Page - Maxim Integrated Products MAX3384ECWN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
±15kV ESD-Protected, 3.0V to 5.5V, Low-Power,
up to 250kbps, True RS-232 Transceiver
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all transmitters loaded with 3k
Ω and CL, TA = +25°C, unless otherwise noted.)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
0
1000
2000
3000
4000
5000
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
VOUT+
VOUT-
0
6
2
4
10
8
14
12
16
0
1000
2000
3000
4000
5000
SLEW RATE vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
+SLEW
FOR DATA RATES UP TO 250kbps
-SLEW
0
25
20
15
5
10
35
30
40
45
0
2000
1000
3000
4000
5000
OPERATING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
250kbps
120kbps
20kbps
T1 TRANSMITTING AT 250kbps
T2 TRANSMITTING AT 15.6kbps
1
No Connection. Not internally connected.
N.C.
3
+5.5V generated by the charge pump.
V+
4
Negative terminal of the voltage-doubler charge-pump capacitor.
C1-
5
Positive terminal of inverting charge-pump capacitor.
C2+
6
Negative terminal of inverting charge-pump capacitor.
C2-
7
-5.5V generated by the charge pump.
V-
8, 15
RS-232 Transmitter Outputs. High Z when SHDN is low.
T_OUT
9, 14
RS-232 Receiver Inputs
R_IN
10, 13
TTL/CMOS Receiver Outputs. High Z when SHDN is low.
R_OUT
11, 12
TTL/CMOS Transmitter Inputs
T_IN
16
Ground
GND
17
+3.0V to +5.5V Supply Voltage. Connect a 0.1µF capacitor to GND.
VCC
18
Active-Low Shutdown-Control Input. Drive low to shut down transmitters, receivers and
charge pumps.
SHDN
FUNCTION
NAME
______________________________________________________________ Pin Description
2
Positive terminal of the voltage-doubler charge-pump capacitor.
C1+
PIN
2
1, 10, 11
3
4
5
6
7
8, 17
9, 16
12, 15
13, 14
18
19
20
SO
SSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com