Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX351 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX351
Description  Precision, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX351 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX351 Datasheet HTML 1Page - Maxim Integrated Products MAX351 Datasheet HTML 2Page - Maxim Integrated Products MAX351 Datasheet HTML 3Page - Maxim Integrated Products MAX351 Datasheet HTML 4Page - Maxim Integrated Products MAX351 Datasheet HTML 5Page - Maxim Integrated Products MAX351 Datasheet HTML 6Page - Maxim Integrated Products MAX351 Datasheet HTML 7Page - Maxim Integrated Products MAX351 Datasheet HTML 8Page - Maxim Integrated Products MAX351 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Precision, Quad, SPST Analog Switches
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 3)
UNITS
Channel On Resistance
RON
100
Logic Supply Current
Positive Supply Current
I+
-1
0.0001
1
µA
IL
-1
0.0001
1
µA
Negative Supply Current
I-
-1
0.0001
1
µA
Ground Current
Analog Signal Range
IGND
-1
-0.0001
1
µA
Turn-On Time
VCOM_,
VNO_,
VNC
0V+
V
175
250
ns
tON
95
125
40
80
Turn-Off Time
tOFF
140
ns
ICOM = -10mA,
VNC_ or VNO_ = 3.8V,
V+ = 10.8V
V+ = 13.2V,
all channels on or off,
VIN = 0V or 5V
VL = 5.25V,
all channels on or off,
VIN = 0V or 5V
V+ = 13.2V,
all channels on or off,
VIN = 0V or 5V
VL = 5.25V,
all channels on or off,
VIN = 0V or 5V
Figure 2,
VNO_ or VNC_ = 8V
Figure 2,
VNO_ or VNC_ = 8V
ELECTRICAL CHARACTERISTICS—Single Supply
(V+ = 12V, V- = 0V, VL = 5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Break-Before-Make Time Delay
tD
MAX353 only, Figure 3,
RL = 300Ω,
CL = 35pF
25
ns
Charge Injection
Q
Figure 8,
CL = 1.0nF,
VGEN = 0V,
RGEN = 0V
510
pC
CONDITIONS
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = +25°C
(Notes 1, 4)
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMAX
-5
5
TA = TMIN to TMAX
315
TA = TMAX
-5
5
TA = TMAX
-5
5
TA = TMAX
TA = +25°C
-5
5
Note 3:
The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 4:
Guaranteed by design.
Note 5:
∆RON = ∆RON max - ∆RON min. On-resistance match between channels and flatness are guaranteed only with
bipolar-supply operation.
Note 6:
See Figure 5. Off Isolation = 20 log10 [ VCOM ⁄ (VNC or VNO) ], VCOM = output, VNC or VNO = input to off switch.
Note 7:
Between any two switches. See Figure 6.
DYNAMIC
SUPPLY
SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com