Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRDM982 Datasheet(PDF) 1 Page - International Rectifier

Part # IRDM982
Description  Dynamic overcurrent limit per temperature
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRDM982 Datasheet(HTML) 1 Page - International Rectifier

  IRDM982 Datasheet HTML 1Page - International Rectifier IRDM982 Datasheet HTML 2Page - International Rectifier IRDM982 Datasheet HTML 3Page - International Rectifier IRDM982 Datasheet HTML 4Page - International Rectifier IRDM982 Datasheet HTML 5Page - International Rectifier IRDM982 Datasheet HTML 6Page - International Rectifier IRDM982 Datasheet HTML 7Page - International Rectifier IRDM982 Datasheet HTML 8Page - International Rectifier IRDM982 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
IRDM982 Series
1 www.irf.com
© 2015 International Rectifier
April 8, 2015
IRDM982 Series - IRDM982-025MB, IRDM982-035MB
Complete Motion Controller Module for PM AC fan
Features
Complete 250V - 500V 3-phase inverter system in one
chip
No heatsink required
Permanent Magnet Sinusoidal Motors Control by Hall
sensors
Selectable 4 or 12 pulse output per revolution
1)
High efficiency control by quadratic phase advance curve
Internal clock based on external RC
15V single power supply
3.3V Integrated Voltage Regulator
Dynamic overcurrent limit per temperature
Overtemperature control
Overspeed protection
Rotor lock detection/protection
Full Three Phase Gate Driver
Integrated Bootstrap Diodes
Undervoltage lockout
Typical Applications
Fan motor control
Product Summary
Topology
3 Phase AC
VOFFSET
≤ 500 V for IRDM982-025MB,
IRDM982-035MB
Control
Phase Advancement control
Feedback
DC Bus shunt, 3 Hall sensor
Temperature
sensor
Integrated
Package
12mm x 12mm PQFN
IRDM982-025MB
IRDM982-035MB
High Voltage
Smart IC
VCC
HALL1+
HALL1-
HALL2+
HALL2-
HALL3+
HALL3-
VSP
VBU
VBV
VBW
VBUS
VSS
U
V
W
PG
COM
EFF
XTAL
CLKIN
VDD
DCBUS+
DCBUS-
PG
VSP
Hall Sensor
15V
PGSEL
DIR
DIR
1) When used with 8 poles motor. In general it is 1 pulse / 3 pulses per electrical revolution.


Similar Part No. - IRDM982

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRDM983 INFINEON-IRDM983 Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
IRDM983-025MB INFINEON-IRDM983-025MB Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
IRDM983-035MB INFINEON-IRDM983-035MB Datasheet
2Mb / 29P
iMOTION??Motion Controller Module for PM AC Fan
Revision 1.2 2016-08-19
More results

Similar Description - IRDM982

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC626 TELCOM-TC626 Datasheet
33Kb / 2P
TEMPERATURE LIMIT SWITCH
logo
EPCOS
B59008C0060A040 EPCOS-B59008C0060A040 Datasheet
73Kb / 4P
Limit Temperature Sensors, Leaded Disks
B59901 EPCOS-B59901 Datasheet
69Kb / 4P
Sensors Limit Temperature Sensors, Probe Assemblies
B59300 EPCOS-B59300 Datasheet
271Kb / 11P
PTC thermistors as limit temperature sensors
B59401A0105A062 EPCOS-B59401A0105A062 Datasheet
526Kb / 18P
PTC thermistors as limit temperature sensors
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
PTC thermistors as limit temperature sensors
logo
Texas Instruments
TPS22980 TI1-TPS22980 Datasheet
739Kb / 18P
3.3V TO 18V MUX with Overcurrent Limit
logo
EPCOS
B59721A110A62 EPCOS-B59721A110A62 Datasheet
855Kb / 37P
PTC thermistors as limit temperature sensors
B59100M1110A70 EPCOS-B59100M1110A70 Datasheet
271Kb / 11P
PTC thermistors as limit temperature sensors
logo
Integrated Silicon Solu...
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com