Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV4053 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LV4053
Description  Triple single-pole double-throw analog switch
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LV4053_15 Datasheet HTML 10Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 11Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 12Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 13Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 14Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 15Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 16Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 17Page - NXP Semiconductors 74LV4053_15 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
74LV4053
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 18 September 2014
14 of 27
NXP Semiconductors
74LV4053
Triple single-pole double-throw analog switch
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 15. Test circuit for measuring switching times
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
001aak353
VEXT
VCC
VEE
VI
VO
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
< 2.7 V
VCC
 6 ns
50 pF
1 k
open
VEE
2VCC
2.7 V to 3.6 V
2.7 V
 6 ns
15 pF, 50 pF
1 k
open
VEE
2VCC
> 3.6 V
VCC
 6 ns
50 pF
1 k
open
VEE
2VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com