Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DB833 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # 9DB833
Description  SMBus Interface; unused outputs can be disabled
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DB833 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  9DB833 Datasheet HTML 1Page - Integrated Circuit Systems 9DB833 Datasheet HTML 2Page - Integrated Circuit Systems 9DB833 Datasheet HTML 3Page - Integrated Circuit Systems 9DB833 Datasheet HTML 4Page - Integrated Circuit Systems 9DB833 Datasheet HTML 5Page - Integrated Circuit Systems 9DB833 Datasheet HTML 6Page - Integrated Circuit Systems 9DB833 Datasheet HTML 7Page - Integrated Circuit Systems 9DB833 Datasheet HTML 8Page - Integrated Circuit Systems 9DB833 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
9DB833
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
IDT®
EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1,2,3
2
9DB833
REV G 082515
Pin Configuration
Operating Mode Readback Table
Power Connections
Tri-level Input Logic Levels
SMBus Address Selection and Readback
SRC _DIV# 1
48 VDDA
VDD R 2
47 GNDA
GN D 3
46 IR EF
SRC_IN 4
45 LOCK
SRC_IN# 5
44 OE7#
OE0# 643 OE4#
OE3# 742 DIF_7
DIF_0 8
41 DIF_7#
DIF_0# 940 PD#
GN D 10
39 VDD
VD D 11
38 DIF_6
DIF_1 12
37 DIF_6#
DIF_1# 13
36 OE6#
OE1# 14
35 OE5#
OE2# 15
34 DIF_5
DIF_2 16
33 DIF_5#
DIF_2# 17
32 GND
GN D 18
31 VDD
VD D 19
30 DIF_4
DIF_3 20
29 DIF_4#
DIF_3# 21
28 SMB_A DR_tri
BYP#_HIBW_LOBW 22
27 VDD
SMBCLK 23
26 GND
SMBDAT 24
25 GND
Notes:
Highlighted Pins are the differences between 9DB803 and 9DB833.
Pin 22 and Pin 28 are latched on power up. Please make sure that the
power supply to the pullup/pulldown resistors ramps at the same time
as the main supply to the chip.
BYP#_LOB W_HIBW
MODE
Byte0, bit 3 Byte 0 bit 1
Low
Bypass
0
0
Mid
PLL 100M H i BW
1
0
High
PLL 100M Low BW
0
1
VDD
GND
2
3
SRC_IN/SRC_IN#
11,19,31,39
10,18, 25,32
DIF(7:0)
27
26
DIGITAL VDD/GND
48
47
Analog VDD/GND for PLL in IREF
For best results, treat pin 2 as analog VDD.
Description
Pin Number
State of Pin
Voltage
Low
<0.8V
Mid
1.2<Vin<1.8V
High
Vin > 2.0V
SMB_AD R_tri
Address
Low
DA/DB
Mid
D C/DD
High
D8/D9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com