Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBL411B Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # 9DBL411B
Description  20-pin MLF or TSSOP packaging
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBL411B Datasheet(HTML) 9 Page - Integrated Circuit Systems

  9DBL411B Datasheet HTML 1Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 2Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 3Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 4Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 5Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 6Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 7Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 8Page - Integrated Circuit Systems 9DBL411B Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT® Four Output Low Power Differential Buffer for PCI Express for Gen1, Gen2, Gen3, and QPI
1645F—08/16/13
Advance Information
9DBL411B
Four Output Low Power Differential Buffer for PCI Express Gen1, Gen2, Gen3, and QPI
9
Innovate with IDT and accelerate your future networks. Contact:
www.IDT.com
For Sales
800-345-7015
408-284-8200
Fax: 408-284-2775
For Tech Support
408-284-6578
pcclockhelp@idt.com
Corporate Headquarters
Integrated Device Technology, Inc.
6024 Silver Creek Valley Road
San Jose, CA 95138
United States
800 345 7015
+408 284 8200 (outside U.S.)
© 2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice. IDT, ICS, and the IDT logo are trademarks
of Integrated Device Technology, Inc. Accelerated Thinking is a service mark of Integrated Device Technology, Inc. All other brands, product names and marks
are or may be trademarks or registered trademarks used to identify products or services of their respective owners.
Printed in USA
This product is protected by United States Patent NO. 7, 342, 420 and other patents.
Revision History
Rev.
Issue Date Description
Page #
0.1
1/8/2010
Initial Release. Compared with A rev the following have changed:
1. Added I-temp version
2. Updated electrical tables for I-temp
3. Revised Phase Jitter specs and added QPI.
A
1/8/2010
Released to final.
B
4/23/2010
Changed Input Frequency from 33 min to 15 MHz min
5
C
10/18/2010 Updated Supply Voltage min/max ratings.
5
D
3/22/2012
Updated phase jitter table for PCIe Gen3.
E
6/28/2012
Typo in "Differential Input Low Voltage" units; changed "V" to "mV"
F
8/16/2013
Correct typo on the top-side marking for MLF (commercial temp.) from “L411BKL”
to “411BKL”



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com