Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DBU0731 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # 9DBU0731
Description  slew rate for each output
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DBU0731 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button 9DBU0731 Datasheet HTML 8Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 9Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 10Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 11Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 12Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 13Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 14Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 15Page - Integrated Circuit Systems 9DBU0731 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
7 O/P 1.5V PCIE GEN1-2-3 FAN-OUT BUFFER
12
REVISION C 04/22/15
9DBU0731 DATASHEET
SMBus Table: Revision and Vendor ID Register
Byte 5
Name
Control Function
Type
0
1
Default
Bit 7
RID3
R
0
Bit 6
RID2
R
0
Bit 5
RID1
R
0
Bit 4
RID0
R
0
Bit 3
VID3
R
0
Bit 2
VID2
R
0
Bit 1
VID1
R
0
Bit 0
VID0
R
1
SMBus Table: Device Type/Device ID
Byte 6
Name
Control Function
Type
0
1
Default
Bit 7
Device Type1
R
1
Bit 6
Device Type0
R
1
Bit 5
Device ID5
R
0
Bit 4
Device ID4
R
0
Bit 3
Device ID3
R
0
Bit 2
Device ID2
R
1
Bit 1
Device ID1
R
1
Bit 0
Device ID0
R
1
SMBus Table: Byte Count Register
Byte 7
Name
Control Function
Type
0
1
Default
Bit 7
0
Bit 6
0
Bit 5
0
Bit 4
BC4
RW
0
Bit 3
BC3
RW
1
Bit 2
BC2
RW
0
Bit 1
BC1
RW
0
Bit 0
BC0
RW
0
Reserved
000111 binary or 07 hex
00 = FGx, 01 = DBx,
10 = DMx, 11= DBx w/oPLL
Device ID
A rev = 0000
Revision ID
Byte Count Programming
0001 = IDT
Writing to this register will configure how
many bytes will be read back, default is
= 8 bytes.
Reserved
Reserved
Device Type
VENDOR ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com