Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9DMU0141 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 9DMU0141
Description  Selectable asynchronous or glitch-free switching
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

9DMU0141 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  9DMU0141 Datasheet HTML 1Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 2Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 3Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 4Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 5Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 6Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 7Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 8Page - Integrated Circuit Systems 9DMU0141 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATASHEET
9DMU0141 REVISION A 09/30/14
1
©2014 Integrated Device Technology, Inc.
2:1 1.5V PCIe Gen1-2-3 Clock Mux
w/Zo=100ohms
9DMU0141
General Description
The 9DMU0141 is a member of IDT's SOC-Friendly 1.5V
Ultra-Low-Power (ULP) PCIe Gen1-2-3 family. It has
integrated output terminations providing Zo=100ohms for
direct connection to 100ohm transmission lines. The output
has an OE# pin for optimal system control and power
management. The part provides asynchronous or glitch-free
switching modes.
Recommended Application
2:1 1.5V PCIe Gen1-2-3 Clock Mux
Output Features
• 1 – Low-Power (LP) HCSL DIF pair w/Zo=100
Key Specifications
• DIF additive cycle-to-cycle jitter <5ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• 125MHz additive phase jitter 535fs rms typical (12kHz to
20MHz)
Features/Benefits
• LP-HCSL output w/integrated terminations; saves 4
resistors compared to standard HCSL output
• 1.5V operation; 11mW typical power consumption
• Selectable asynchronous or glitch-free switching; allows
the mux to be selected at power up even if both inputs are
not running, then transition to glitch-free switching mode
• Spread Spectrum Compatible; supports EMI reduction
• OE# pins; support DIF power management
• HCSL differential inputs; can be driven by common clock
sources
• 1MHz to 167MHz operating frequency
• Space saving 16-pin 3x3mm VFQFPN; minimal board
space
Block Diagram
A
B
DIF0
^OE0#
DIF_INA
DIF_INB
vSW_MODE
^SEL_A_B#


Similar Part No. - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
logo
Renesas Technology Corp
9DMU0141 RENESAS-9DMU0141 Datasheet
308Kb / 11P
2:1 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/30/14
9DMU0141 RENESAS-9DMU0141 Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILF RENESAS-9DMU0141AKILF Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
9DMU0141AKILFT RENESAS-9DMU0141AKILFT Datasheet
367Kb / 10P
2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
December 15, 2025
More results

Similar Description - 9DMU0141

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS580-01 ICST-ICS580-01 Datasheet
61Kb / 6P
Glitch-Free Clock Multiplexer
Revision 030300
ICS581-01 ICST-ICS581-01 Datasheet
92Kb / 6P
Zero-Delay Glitch-Free Clock Multiplexer
Revision 041100
logo
Integrated Device Techn...
9DMU0141 IDT-9DMU0141 Datasheet
120Kb / 10P
Selectable asynchronous or glitch-free switching
9DMU0441 IDT-9DMU0441 Datasheet
121Kb / 11P
Selectable asynchronous or glitch-free switching
ICS580-01 IDT-ICS580-01 Datasheet
238Kb / 13P
GLITCH-FREE CLOCK MULITPLEXER
ICS581-01 IDT-ICS581-01 Datasheet
110Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
logo
Maxim Integrated Produc...
MAX17062EVKIT MAXIM-MAX17062EVKIT Datasheet
131Kb / 7P
1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
Rev 1; 6/08
MAX9700BEVKIT MAXIM-MAX9700BEVKIT Datasheet
755Kb / 5P
Selectable Switching Frequency
Rev 0; 4/04
logo
Renesas Technology Corp
ICS580-01 RENESAS-ICS580-01 Datasheet
400Kb / 14P
GLITCH-FREE CLOCK MULITPLEXER
051310
ICS581-01 RENESAS-ICS581-01 Datasheet
222Kb / 10P
ZERO DELAY GLITCH-FREE CLOCK MULTIPLEXER
051310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com