Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF1405ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF1405ZPBF
Description  Advanced Process Technology
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF1405ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF1405ZPBF Datasheet HTML 1Page - International Rectifier IRF1405ZPBF Datasheet HTML 2Page - International Rectifier IRF1405ZPBF Datasheet HTML 3Page - International Rectifier IRF1405ZPBF Datasheet HTML 4Page - International Rectifier IRF1405ZPBF Datasheet HTML 5Page - International Rectifier IRF1405ZPBF Datasheet HTML 6Page - International Rectifier IRF1405ZPBF Datasheet HTML 7Page - International Rectifier IRF1405ZPBF Datasheet HTML 8Page - International Rectifier IRF1405ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRF1405ZPbF
IRF1405ZSPbF
IRF1405ZLPbF
HEXFET® Power MOSFET
VDSS = 55V
RDS(on) = 4.9mΩ
ID = 75A
07/14/10
www.irf.com
1
Description
This HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional features
of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitiveavalancherating.Thesefeaturescombine
to make this design an extremely efficient and
reliable device for use in a wide variety of
applications.
S
D
G
Features
l
Advanced Process Technology
l
Ultra Low On-Resistance
l
175°C Operating Temperature
l
Fast Switching
l
Repetitive Avalanche Allowed up to Tjmax
l
Lead-Free
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Silicon Limited)
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
A
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V (Package Limited)
IDM
Pulsed Drain Current
™
PD @TC = 25°C Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS (Thermally limited) Single Pulse Avalanche Energyd
mJ
EAS (Tested )
Single Pulse Avalanche Energy Tested Value
h
IAR
Avalanche Current
Ù
A
EAR
Repetitive Avalanche Energy
g
mJ
TJ
Operating Junction and
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
Mounting Torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.65
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
i
–––
40
420
270
See Fig.12a, 12b, 15, 16
230
1.5
± 20
Max.
150
110
600
75
-55 to + 175
300 (1.6mm from case )
10 lbf
yin (1.1Nym)
HEXFET® is a registered trademark of International Rectifier.
D2Pak
IRF1405ZSPbF
TO-220AB
IRF1405ZPbF
TO-262
IRF1405ZLPbF
PD - 97018A


Similar Part No. - IRF1405ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1405ZPBF IRF-IRF1405ZPBF Datasheet
812Kb / 13P
AUTOMOTIVE MOSFET ( VDSS = 55V , RDS(on) = 4.9m廓 , ID = 75A )
More results

Similar Description - IRF1405ZPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
Advanced Process Technology
IRFZ48NS KERSEMI-IRFZ48NS Datasheet
1Mb / 10P
Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
Advanced Process Technology
IRFZ34N KERSEMI-IRFZ34N Datasheet
751Kb / 8P
Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
Advanced Process Technology
IRF5305S KERSEMI-IRF5305S Datasheet
1Mb / 10P
Advanced Process Technology
IRF9520NS KERSEMI-IRF9520NS Datasheet
1Mb / 10P
Advanced Process Technology
AUIRFR48Z KERSEMI-AUIRFR48Z Datasheet
1Mb / 12P
Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com