Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3864E/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3864E/D
Description  2.5Gbps, 3V to 5.5V, Wide Dynamic Range Transimpedance Preamplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3864E/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3864E/D Datasheet HTML 1Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 2Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 3Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 4Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 5Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 6Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 7Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 8Page - Maxim Integrated Products MAX3864E/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2.5Gbps, +3V to +5.5V, Wide Dynamic Range
Transimpedance Preamplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Source capacitance represents the total capacitance at the IN pin during characterization of noise and bandwidth parame-
ters. Noise and bandwidth will be affected by the source capacitance. See the Typical Operating Characteristics for more
information.
Note 2: Input-referred noise is calculated as (RMS output noise) / (Gain at f = 10MHz). Noise density is (Input-Referred Noise) /
(Bandwidth)1/2. No external filters are used for the noise measurements.
Note 3: Deterministic jitter is defined as the arithmetic sum of pulse-width distortion and pattern dependent jitter measured with a
repeating 20-bit pattern of 00111110101100000101 (K28.5). See Typical Operating Characteristics.
Supply Voltage (VCC - GND) .................................-0.5V to +6.0V
IN Current..............................................................-4mA to +4mA
FILTER Current......................................................-8mA to +8mA
Voltages at OUT+, OUT- .................(VCC - 1.5V) to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85°C)
8-Pin SO package (derate 6.7mW/°C above +85°C) ..436mW
Storage Temperature Range .............................-55°C to +150°C
Operating Junction Temperature ......................-55°C to +150°C
Processing Temperature (die) .........................................+400°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +5.5V, 100
Ω load between OUT+ and OUT-, 0.1µF coupling capacitors on OUT+ and OUT-, TA = -40°C to +85°C,
unless otherwise noted. Typical values are at +3.3V, source capacitance = 0.85pF, and TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Voltage
0.66
0.83
0.99
V
Supply Current
34
63
mA
Transimpedance
Differential, measured with 40
µAp-p input
2100
2750
3400
Ω
Output Impedance
Single ended (per side)
48
50
52
Ω
Maximum Differential Output Voltage
Input = 2mAp-p with 100
Ω differential output
termination
220
380
575
mVp-p
Filter Resistor
600
750
930
Ω
AC Input Overload
2
mAp-p
DC Input Overload
1mA
Input-Referred RMS Noise
490
668
nA
Input-Referred Noise Density
Bandwidth = 2.0GHz (Note 2)
11
pA/
√(Hz)
Small-Signal Bandwidth
1525
2000
MHz
Low-Frequency Cutoff
-3dB, input
≤ 20µADC
30
kHz
Transimpedance Linear Range
Gain at 40
µAp-p is within 5% of the small-
signal gain
40
µAp-p
3.13V < VCC < 5.5V (Note 3)
24
67
Deterministic Jitter
3.0V
≤ VCC ≤ 3.13V (Note 3)
24
77
ps
Power-Supply Rejection Ratio (PSRR)
Output referred, f < 2MHz,
PSRR = -20log(
∆VOUT/∆Vcc)
50
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com