Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EX-421 Datasheet(PDF) 2 Page - Vectron International, Inc

Part # EX-421
Description  Evacuated Miniature Crystal Oscillator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

EX-421 Datasheet(HTML) 2 Page - Vectron International, Inc

  EX-421 Datasheet HTML 1Page - Vectron International, Inc EX-421 Datasheet HTML 2Page - Vectron International, Inc EX-421 Datasheet HTML 3Page - Vectron International, Inc EX-421 Datasheet HTML 4Page - Vectron International, Inc EX-421 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Min
Max
Condition
VDC
HCMOS
VDC
VDC
Sinewave
Duty cycle
ns
Frequency Tuning (EFC)
dBc
Vdc
Vdc
Positive
VDC
Additional Parameters
Acceleration Sensitivity
Absolute Maximum Ratings
VDC
Performance Specifications
2 of 5
Standard Environmentals
Sine
MIL-STD-202, Method 204, Condition G (30g peak, 10Hz-2000Hz)
Vibration Random
MIL-STD-202, Method 214, Condition I-H (30g RMS, 10Hz-2000Hz)
E 1000 g 0.5
1/2 sine
Solderability
MIL-STD-883, Method 2003
Standard Environmentals



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com