Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGL02 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 9FGL02
Description  control input polarity
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9FGL02 Datasheet(HTML) 1 Page - Integrated Device Technology

  9FGL02 Datasheet HTML 1Page - Integrated Device Technology 9FGL02 Datasheet HTML 2Page - Integrated Device Technology 9FGL02 Datasheet HTML 3Page - Integrated Device Technology 9FGL02 Datasheet HTML 4Page - Integrated Device Technology 9FGL02 Datasheet HTML 5Page - Integrated Device Technology 9FGL02 Datasheet HTML 6Page - Integrated Device Technology 9FGL02 Datasheet HTML 7Page - Integrated Device Technology 9FGL02 Datasheet HTML 8Page - Integrated Device Technology 9FGL02 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DATASHEET
9FGL02 REVISION A 07/17/15
1
©2015 Integrated Device Technology, Inc.
2-output 3.3V PCIe Gen 1-2-3 Clock Generator
9FGL02
Description
The 9FGL0241/51/P1 are members of IDT's 3.3V Low-Power
(LP) PCIe family. The devices have 2 output enables for
clock management and support 2 different spread spectrum
levels in addition to spread off. The 9FGL0241/51/P1
supports both Common Clock (CC) with or without spread
spectrum and Separate Reference no-Spread (SRnS) PCIe
clocking architectures. The 9FGL02P1 can be programmed
with a user-defined power up default SMBus configuration.
Recommended Application
3.3V PCIe Gen1-2-3 Clock Generator
Output Features
2 – 100 MHz Low-Power HCSL (LP-HCSL) DIF pairs
9FGL0241 default ZOUT = 100
9FGL0251 default ZOUT = 85
9FGL02P1 factory programmable defaults
1 - 3.3V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
DIF cycle-to-cycle jitter <50ps
DIF output-to-output skew <50ps
DIF phase jitter is PCIe Gen1-2-3 compliant with SSC on or
off
DIF 12k-20M phase jitter is <3ps rms when SSC is off
REF phase jitter is <300fs rms (SSC off) and < 1ps RMS
(SSC on)
±100ppm frequency accuracy on all clocks
Features/Benefits
Direct connection to 100 (xx41) or 85 (xx51)
transmission lines; saves 8 resistors compared to standard
PCIe devices
112mW typical power consumption; eliminates thermal
concerns
SMBus-selectable features allows optimization to customer
requirements:
control input polarity
control input pull up/downs
slew rate for each output
33, 85 or 100Ω output impedance for each output
spread spectrum amount
41 and 51 devices contain default configuration; SMBus
interface not required for device operation
P1 device allows factory programming of customer-defined
SMBus power up default; allows exact optimization to
customer requirements
OE# pins; support DIF power management
8MHz – 40MHz input frequency (25MHz default); flexibility
Pin/SMBus selectable 0%, -0.25% or -0.5% spread on DIF
outputs %; minimize EMI and phase jitter for each
application
DIF outputs blocked until PLL is locked; clean system
start-up
Two selectable SMBus addresses; multiple devices can
easily share an SMBus segment
Space saving 24-pin 4x4mm VFQFPN; minimal board
space
Block Diagram
Note: Resistors default to internal on 41/51 devices. P1 devices have programmable default impedances on an output-by-output basis.
XIN/CLKIN_25
X2
CONTROL
LOGIC
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SS Capable PLL
OSC
REF
vOE(1:0)#
SCLK_3.3
vSADR
DIF1
DIF0
XIN/CLKIN_25
X2
CONTROL
LOGIC
vSS_EN_tri
^CKPWRGD_PD#
SDATA_3.3
SS Capable PLL
OSC
REF
vOE(1:0)#
SCLK_3.3
vSADR
DIF1
DIF0


Similar Part No. - 9FGL02

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL0241BKILF IDT-9FGL0241BKILF Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL0241BKILFT IDT-9FGL0241BKILFT Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
logo
Renesas Technology Corp
9FGL0241CKILF RENESAS-9FGL0241CKILF Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
9FGL0241CKILFT RENESAS-9FGL0241CKILFT Datasheet
1Mb / 37P
3.3V PCIe Gen1–5 Clock Generator Family
December 1, 2022
More results

Similar Description - 9FGL02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Integrated Device Techn...
9FGL04 IDT-9FGL04 Datasheet
288Kb / 18P
control input polarity
9FGL06 IDT-9FGL06 Datasheet
325Kb / 19P
control input polarity
9FGL08 IDT-9FGL08 Datasheet
402Kb / 19P
control input polarity
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
Low Input Control Current
logo
American Electronic Com...
SDA1-15 AEC-SDA1-15 Datasheet
250Kb / 2P
LED control input indicator
SDA3-10 AEC-SDA3-10 Datasheet
369Kb / 2P
LED control input indicator
SDA3-20 AEC-SDA3-20 Datasheet
298Kb / 2P
LED control input indicator
logo
Toshiba Semiconductor
TC7WB125FK TOSHIBA-TC7WB125FK Datasheet
90Kb / 6P
TTL level input (control input)
logo
Texas Instruments
TCAN4420 TI1-TCAN4420 Datasheet
973Kb / 31P
CAN Transceiver with Polarity Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com