Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX398C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX398C/D
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX398C/D Datasheet HTML 3Page - Maxim Integrated Products MAX398C/D Datasheet HTML 4Page - Maxim Integrated Products MAX398C/D Datasheet HTML 5Page - Maxim Integrated Products MAX398C/D Datasheet HTML 6Page - Maxim Integrated Products MAX398C/D Datasheet HTML 7Page - Maxim Integrated Products MAX398C/D Datasheet HTML 8Page - Maxim Integrated Products MAX398C/D Datasheet HTML 9Page - Maxim Integrated Products MAX398C/D Datasheet HTML 10Page - Maxim Integrated Products MAX398C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
1, 16
PIN
MAX398
MAX399
NAME
FUNCTION
1, 15, 16
A0, A2, A1
Address Inputs
A0, A1
Address Inputs
2
2
EN
Enable Input, connect to V+ if not used
3
3
V-
Negative Supply Voltage Input
4–7
NO1–NO4
Analog Inputs—bidirectional
4–7
NO1A–NO4A
Analog Inputs—bidirectional
8
COM
Analog Output—bidirectional
8, 9
COMA, COMB
Analog Outputs—bidirectional
9–12
NO8–NO5
Analog Inputs—bidirectional
10–13
NO4B–NO1B
Analog Inputs—bidirectional
13
14
V+
Positive Supply Voltage Input
14
15
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com