Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLM0585 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0585
Description  20V, 650mA MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0585 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0585 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0585 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V, 650mA MOSFET and
40V, 500mA Low VF Schottky Diode
SOT-563
MOSFET:
Typical Electrical Characteristics:
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
MOSFET
Low VF Schottky Diode
TYPE NO.
DESCRIPTION
BVDSS
(V)
MIN
ID
(mA)
MAX
rDS(ON)
@ ID
@ VGS
(mΩ)
(mΩ)
(mA)
(V)
TYP
MAX
VGS(th)
(V)
MIN
MAX
VRRM
(V)
MAX
IF
(mA)
MAX
VF @
IF
(mV)
(mA)
MAX
CT
(pF)
MAX
CMLM0575
Combination:
N-Channel MOSFET and
Low VF Schottky diode
20
650
140
200
230
275
600
500
4.5
2.5
0.5
1.1
+
40
500
270
350
470
10
100
500
50
CMLM0585
Combination:
P-Channel MOSFET and
Low VF Schottky diode
20
650
250
370
360
500
350
300
4.5
2.5
0.5
1.0
+
40
500
270
350
470
10
100
500
50
Central Semiconductor’s CMLM0575 (N-Channel + Diode) and CMLM0585
(P-Channel + Diode) Multi Discrete Modules™ consist of a single Enhancement
Mode MOSFET and a low VF high current Schottky diode in the space
saving SOT-563 package. These devices are designed for space constrained
applications where size and energy efficiency are key requirements.
For complete details, visit: www.centralsemi.com/product/CMLM0575
• DC to DC conversion
• Power management
• Battery charging circuits in portable electronics
• Motor control
• LED drive circuits
Applications:
• Space saving, multi discrete device
• Facilitates a reduction in assembly cost and component count
• Ideal building block for power management applications
Benefits:
Description:
or
SOT-563
SOT-523 & SOD-523
The SOT-563 utilizes
35% less board space than SOT-523 and SOD-523
Package Comparison:
CMLM0575 (N-Channel) MOSFET:
• 20V, 650mA N-Channel
• rDS(on)=140mΩ @ ID=600mA, @ VGS=4.5V
• VGS(th)=0.5V min. @ 250μA
CMLM0585 (P-Channel) MOSFET:
• 20V, 650mA N-Channel
• rDS(on)=250mΩ @ ID=350mA, @ VGS=4.5V
• VGS(th)=0.5V min. @ 250μA
Schottky Diode:
• 40V, 500mA
• VF=350mV @ 100mA
Schottky Diode:
• 40V, 500mA
• VF=350mV @ 100mA
Features:
Schottky Diode:
Forward Voltage
Output Characteristics
Curve is applicable to both N & P Types
weblink scan
Use QR reader
for direct link to
product web page.
CMLM0575 (N-Channel + Diode)
CMLM0585 (P-Channel + Diode)
Multi Discrete Module
Product Brief
Product Brief


Similar Part No. - CMLM0585

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0585 CENTRAL-CMLM0585 Datasheet
661Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0585 CENTRAL-CMLM0585_15 Datasheet
1Mb / 5P
SCHOTTKY DIODE
More results

Similar Description - CMLM0585

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
CMUDM7005_8005 CENTRAL-CMUDM7005_8005 Datasheet
1Mb / 2P
20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
20V Complementary MOSFET
logo
Central Semiconductor C...
PB-CMKDM8005_1509 CENTRAL-PB-CMKDM8005_1509 Datasheet
1Mb / 2P
20V, 650mA Dual, P-Channel MOSFET
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs
logo
GOOD-ARK Electronics
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
20V Complementary MOSFET
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6 Datasheet
282Kb / 5P
20V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AO6608 AOSMD-AO6608 Datasheet
387Kb / 9P
20V Complementary MOSFET
logo
Leshan Radio Company
LP2035LT1G LRC-LP2035LT1G Datasheet
947Kb / 5P
20V P-Channel MOSFET VDS =-20V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com