Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2C542 Datasheet(PDF) 5 Page - Solid State Optronic

Part # AD2C542
Description  Compact 4 pin DIP/SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C542 Datasheet(HTML) 5 Page - Solid State Optronic

  AD2C542 Datasheet HTML 1Page - Solid State Optronic AD2C542 Datasheet HTML 2Page - Solid State Optronic AD2C542 Datasheet HTML 3Page - Solid State Optronic AD2C542 Datasheet HTML 4Page - Solid State Optronic AD2C542 Datasheet HTML 5Page - Solid State Optronic AD2C542 Datasheet HTML 6Page - Solid State Optronic AD2C542 Datasheet HTML 7Page - Solid State Optronic AD2C542 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 5 of 8
AD2C542 H/S/TR
Rev 2.00 (10/25/2013)
001661
AD2C542
1 Form B
60V / 2Ω
MOSFET Output Solid State Relay
AD2C542 Package Dimensions
4 PIN DIP Package
Note: All dimensions in millimeters with inches [“] in parenthesis ()



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com