Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4075__ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4075__ESA
Description  Micropower, SOT23, Rail-to-Rail, Fixed-Gain, GainAmp/Open-Loop Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4075__ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4075__ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4075__ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micropower, SOT23, Rail-to-Rail,
Fixed-Gain, GainAmp/Open-Loop Op Amps
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX4076/MAX4077/MAX4078 (continued)
(VCC = +2.5V to +5.5V, VEE = 0, VIN+ = VIN- = VCC/2, RL =
∞ to VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at VCC = +5V and TA = +25°C.) (Note 1)
RL = 1M
Ω
0.22
2.5
CONDITIONS
VOL - VEE
RL = 10k
Ω
750
VOL - VEE
12
50
VCC - VOH
RL = 5k
Ω
mV
100
100
VOH/VOL
Output Voltage Swing
VOL - VEE
0.23
2.5
VCC - VOH
100
100
VCC - VOH
kHz
GBW
Gain-Bandwidth Product
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
230
VOUT = 4V step
V/ms
SR
Slew Rate
90
VOUT = 4V step
µs
Settling Time (to 0.01%)
69
f = 5kHz
nV/
√Hz
en
Input Voltage Noise Density
110
f = 5kHz
fA/
√Hz
Input Noise Current Density
1.1
No sustained oscillations, AV = +1V/V
pF
CLOAD
Capacitive Load Stability
100
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
Note 3: The input common-mode range for IN_+ is guaranteed by a functional test. A similar test is done on the IN_- input. See the
Applications Information section for more information on the input voltage range of the GainAmps.
Note 4: For AV = -0.5V/V and AV = -0.25V/V, the output voltage swing may be limited by the input voltage range.
Note 5: Includes noise from on-chip resistors.
Note 6: The gain accuracy test is performed with the GainAmps in the noninverting configuration. The output voltage swing is limit-
ed by the input voltage range for certain gains and supply voltage conditions. For situations where the output voltage swing
is limited by the valid input range, the output limits are adjusted accordingly.
Output settling to 1%
ms
Power-Up Time
10
3
-6
1k
1M
100k
10k
SMALL-SIGNAL GAIN vs. FREQUENCY
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
AV = +2.25V/V
AV = +1.25V/V
VOUT = 100mVp-p
3
-6
1k
1M
10k
100k
SMALL-SIGNAL GAIN vs. FREQUENCY
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
AV = +4V/V
AV = +2.5V/V
VOUT = 100mVp-p
3
-6
1k
1M
10k
100k
SMALL-SIGNAL GAIN vs. FREQUENCY
-3
-5
1
-1
4
-2
-4
2
0
FREQUENCY (Hz)
AV = +9V/V
AV = +5V/V
VOUT = 100mVp-p
Typical Operating Characteristics
(VCC = +5.0V, RL = 100k
Ω to VCC/2, TA = +25°C, unless otherwise noted.)
MAX4074/MAX4075



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com