Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4109ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4109ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4109ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4109ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4109ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Voltage on Any Pin to Ground or
Any Other Pin ..............................(VEE - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration (OUT to GND) .........................Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) ........................471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VOUT = 0V
Short to ground
VOUT = 0V
RL = 33Ω, TA = 0°C to +85°C
VIN = 0V
VOUT = 0V, VIN = -VOS
VOUT = 0V, VIN = -VOS
Either input
VCM = ±2.5V
Either input
f = 10kHz
CONDITIONS
mA
100
ISC
Short-Circuit Output Current
mA
65
90
IOUT
Output Current Drive
mA
20
27
IS
Quiescent Supply Current
dB
70
100
CMR
Common-Mode Rejection
pA/
√Hz
2
in
Input Current Noise
µV/°C
13
TCVOS
Input Offset Voltage Drift
mV
1
8
VOS
Input Offset Voltage
6
µA
12
34
IB
Input Bias Current
µA
0.05
2.5
IOS
Input Offset Current
M
Ω
1.5
RINCM
Common-Mode Input
Resistance
pF
1
CINCM
Common-Mode Input
Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VS = ±4.5V to ±5.5V
dB
70
90
PSR
Power-Supply Rejection
RL = 100Ω
RL = ∞
V
2.5 to
2.7 to
-3.1
-3.7
VOUT
Output Voltage Swing
2.5 to
2.9 to
-3.1
-3.8
VOUT = ±2.0V, VCM = 0V, RL = 100Ω
dB
AOL
Open-Loop Voltage Gain
70
100
V
-2.5
2.5
VCM
Common-Mode Input Voltage
µVRMS
75
fB = 1MHz to 100MHz
nARMS
25
In
Integrated Current Noise
nV/
√Hz
f = 10kHz
en
Input Voltage Noise
fB = 1MHz to 100MHz
EnRMS
Integrated Voltage Noise
225
MAX4109
MHz
220
200
MAX4308
BW-3dB
-3dB Bandwidth
VOUT ≤ 0.1VRMS
MAX4309
400
MAX4108
DC SPECIFICATIONS (RL = ∞)
AC SPECIFICATIONS (RL = 100Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com