Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX428C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX428C/D
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX428C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX428C/D Datasheet HTML 3Page - Maxim Integrated Products MAX428C/D Datasheet HTML 4Page - Maxim Integrated Products MAX428C/D Datasheet HTML 5Page - Maxim Integrated Products MAX428C/D Datasheet HTML 6Page - Maxim Integrated Products MAX428C/D Datasheet HTML 7Page - Maxim Integrated Products MAX428C/D Datasheet HTML 8Page - Maxim Integrated Products MAX428C/D Datasheet HTML 9Page - Maxim Integrated Products MAX428C/D Datasheet HTML 10Page - Maxim Integrated Products MAX428C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
___________Application Information
AC Characteristics
The 35MHz 10dB crossover point of the MAX408/
428/448 is achieved without feed forward compensa-
tion, a technique which can produce long tails in the
recovery characteristic. The single pole rolloff follows
the classic 20dB/decade slope to frequencies
approaching 50MHz. The 10dB (3.2V/V) phase margin
of 50°, even with a capacitive load of 50pF, gives stable
and predictable performance down to non-inverting
gain configurations of approximately 3V/V (inverting
gains of -2V/V). At frequencies beyond 50MHz, the
20dB/decade slope is disturbed by an output stage
zero, the damping factor of which is dependent upon
the RL, CL load combination. This results in loss of gain
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
_______________________________________________________________________________________
7
eIN
1k
Ω
2k
Ω
2k
Ω
300
Ω
150
Ω
eS = SETTLE VOLTAGE
RL
+1V
-1V
2V
±4mV OF
FINAL VALUE
SETTLING
TIME
-2V
10%
SLEW RATE
90%
CL
10pF
eO
eIN
eOUT
eo
eo
es
eIN
OV
OV
OV
OV
Figure 1A. Settling Time and Slew Rate Test Circuit
Figure 1B. Large Signal Response
Figure 1C. Small Signal Response
Note that to properly measure es, amplifier and settle resistor ratios should be matched to 0.5% and probe capacitance ≤ 35pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com