Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4309ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4309ESA
Description  400MHz, Ultra-Low-Distortion Op Amps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4309ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4309ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4309ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
400MHz, Ultra-Low-Distortion Op Amps
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 100Ω, TA = +25°C, unless otherwise noted.)
100
100
MAX4109
DIFFERENTIAL GAIN AND PHASE
(RL = 75Ω)
IRE
IRE
0.004
0.002
0.006
0.000
-0.002
0
0
AVCL = +2V
AVCL = +2V
0.004
0.002
0.006
0.000
-0.002
100
MAX4308
DIFFERENTIAL GAIN AND PHASE
(RL = 150Ω)
IRE
IRE
0
100
0
AVCL = +5V
AVCL = +5V
0.000
-0.002
0.002
-0.004
-0.006
0.002
0.000
0.004
-0.002
-0.004
IN
OUT
GND
GND
TIME (10ns/div)
MAX4108
LARGE-SIGNAL PULSE RESPONSE
(AVCL = +1)
MAX4108/9-AA
100
MAX4109
DIFFERENTIAL GAIN AND PHASE
(RL = 150Ω)
IRE
IRE
100
0
0
AVCL = +2V
AVCL = +2V
0.000
-0.002
0.002
-0.004
-0.006
0.002
0.000
0.004
-0.002
-0.004
100
MAX4108
DIFFERENTIAL GAIN AND PHASE
(RL = 75Ω)
IRE
IRE
100
0
0
AVCL = +1V
AVCL = +1V
0.006
0.004
0.002
0.008
0.000
-0.002
0.004
0.002
0.006
0.000
-0.002
100
MAX4108
DIFFERENTIAL GAIN AND PHASE
(RL = 150Ω)
IRE
IRE
0
100
0
AVCL = +1V
AVCL = +1V
0.002
0.000
0.004
-0.002
-0.004
0.002
0.000
0.004
-0.002
-0.004
100
MAX4309
DIFFERENTIAL GAIN AND PHASE
(RL = 150Ω)
IRE
IRE
0
100
0
AVCL = +10V
AVCL = +10V
0.002
0.000
0.004
-0.002
-0.004
0.002
0.000
-0.002
-0.004
-0.006
-0.008
-0.010
OUT
GND
GND
TIME (10ns/div)
MAX4108
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +2)
MAX4108/9-Z
IN
OUT
GND
GND
TIME (10ns/div)
MAX4108
SMALL-SIGNAL PULSE RESPONSE
(AVCL = +1)
MAX4108/9-Y
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com