Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4113ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4113ESA
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4113ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4113ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4113ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
FUNCTION
_____________________________________________________________Pin Descriptions
_______________Detailed Description
The MAX4112/MAX4117/MAX4119 are optimized for
closed-loop gains (AVCL) of 2V/V or greater, while the
MAX4113/MAX4118/MAX4120 are optimized for
closed-loop gains of 8V/V or greater. These low-power,
high-speed, current feedback amplifiers operate from
±5V supplies. They are designed to drive video loads
with low distortion characteristics. The MAX4112/
MAX4117/MAX4119’s differential gain and phase are
0.02% and 0.03°, respectively; the MAX4113/
MAX4118/MAX4120 exhibit gain/phase error specifica-
tions of 0.02% and 0.04°, respectively. These charac-
teristics, plus a wide 0.1dB gain flatness, make the
MAX4112/MAX4113/MAX4117–MAX4120 ideal for use
in broadcast and graphics video systems. The combi-
nation of ultra-high speed and low power makes these
parts suitable for use in general-purpose, high-speed
applications, such as medical imaging, industrial instru-
mentation, and communications systems.
__________Applications Information
Theory of Operation
Since these devices are current-feedback amplifiers,
their open-loop transfer function is expressed as a
transimpedance,
∆VOUT/∆IIN, or ZOL. The frequency
behavior of the open-loop transimpedance is similar to
the open-loop gain of a voltage feedback amplifier.
That is, it has a large DC value and decreases at
approximately 6dB per octave.
Analyzing the follower with gain, as shown in Figure 1,
yields the following transfer function:
where G = AVCL = 1 + (RF / RG), and RIN = 1 /gM
≅ 30Ω.
V
V
G x
Z
Z
G x R
R
OUT
IN
OL S
OL S
IN
F
=
+
+
(
)
( )
( )
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
_______________________________________________________________________________________
9
VIN
RG
RIN
ZOL
RF
+1
+1
VOUT
MAX4112
MAX4113
MAX4117
MAX4118
MAX4119
MAX4120
Figure 1. Current Feedback Amplifier
PIN
NAME
FUNCTION
MAX4112
MAX4113
SO/µMAX
MAX4117
MAX4118
SO
1, 5, 8
—
N.C.
No Connection. Not internally
connected.
—
1
OUTA
Amplifier A Output
2
—
IN-
Inverting Input
—
2
INA-
Amplifier A Inverting Input
3
—
IN+
Noninverting Input
—
3
INA+
Amplifier A Noninverting Input
4
4
VEE
Negative Power Supply.
Connect to -5V.
—
5
INB+
Amplifier B Noninverting Input
6
—
OUT
Amplifier Output
—
6
INB-
Amplifier B Inverting Input
—
7
OUTB
Amplifier B Output
7
8
VCC
Positive Power Supply.
Connect to +5V.
PIN
NAME
FUNCTION
1
1
OUTA
Amplifier A Output
2
2
INA-
Amplifier A Inverting Input
3
3
INA+
Amplifier A Noninverting Input
4
4
VCC
Positive Power Supply.
Connect to +5V.
5
5
INB+
Amplifier B Noninverting Input
6
6
INB-
Amplifier B Inverting Input
7
7
OUTB
Amplifier B Output
—
8, 9
N.C.
No Connection. Not internally
connected.
8
10
OUTC
Amplifier C Output
9
11
INC-
Amplifier C Inverting Input
10
12
INC+
Amplifier C Noninverting Input
11
13
VEE
Negative Power Supply.
Connect to -5V.
12
14
IND+
Amplifier D Noninverting Input
13
15
IND-
Amplifier D Inverting Input
14
16
OUTD
Amplifier D Output
SO
QSOP
MAX4119/MAX4120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com