Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4117ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4117ESA
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4117ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4117ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4117ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC to VEE).......................................12V
Input Voltage (IN_+, IN_-) ...................(VCC + 0.3V) to (VEE - 0.3V)
IN_ _ Current (Note 1) ......................................................±10mA
Short-Circuit Duration (VOUT to GND)
VIN < 1.5V ...............................................................Continuous
VIN > 1.5V ..........................................................................0sec
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ............330mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
16-Pin QSOP (derate 9.52mW/°C above +70°C)..........762mW
Operating Temperature Range
MAX41_ _E_ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
IN+
k
Ω
500
VOUT = 0V
MAX4112/MAX4117/
MAX4119
VOUT = 0V
RL = 30Ω, TA = 0°C to +85°C
IN-
VIN = 0V
f = 10kHz
f = 10kHz
VOUT = ±2.0V, VCM = 0V, RL = 100Ω
VS = ±4.5V to ±5.5V
f = 1MHz to 100MHz
f = 10kHz
VOUT = 0V, VIN = -VOS
VOUT = 0V, VIN = -VOS
VCM = ±2.5V
CONDITIONS
Ω
30
9
Input Resistance
in+
Positive Input Current Noise
MAX4113/MAX4118/
MAX4120
mA
65
80
IOUT
Output Current Drive
RL = 100Ω
RL = ∞
mA
5
6.5
ISY
Quiescent Supply Current
per Amplifier
k
Ω
ZOL
Open-Loop Transimpedance
250
500
V
dB
dB
45
50
CMR
Common-Mode Rejection
V
-2.5
2.5
VCM
Common-Mode Input Voltage
µV/°C
10
TCVOS
Input Offset Voltage Drift
mV
1
8
VOS
Input Offset Voltage
pA/
√Hz
14
in-
Negative Input Current Noise
pA/
√Hz
13
µVRMS
27
EnRMS
Integrated Voltage Noise
nV/
√Hz
2.2
en
Input Voltage Noise
µA
3.5
20
IB+
Positive Input Bias Current
µA
3.5
20
IB-
Negative Input Bias Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
60
80
PSR
Power-Supply Rejection
±3.1
±3.5
VOUT
Output Voltage Swing
±3.5
±3.8
VOUT ≤ 0.1VRMS
MHz
400
BWSS
Small Signal -3dB Bandwidth
300
270
MAX4112/MAX4117
MAX4113/MAX4119
MAX4118/MAX4120
DC SPECIFICATIONS (RL = ∞, unless otherwise noted)
AC SPECIFICATIONS (RL = 100Ω, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com