Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4119EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4119EEE
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4119EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4119EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4119EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The single MAX4112/MAX4113, dual MAX4117/
MAX4118, and quad MAX4119/MAX4120 current feed-
back amplifiers combine high-speed performance with
low-power operation. The MAX4112/MAX4117/
MAX4119 are optimized for closed-loop gains of 2V/V
or greater, while the MAX4113/MAX4118/MAX4120 are
optimized for gains of 8V/V or greater.
The MAX4112/MAX4117/MAX4119 and the MAX4113/
MAX4118/MAX4120 require only 5mA of supply current
per channel, and deliver 0.1dB gain flatness up to 115MHz
and -3db bandwidths of 400MHz (AV ≥ 2V/V) and 300MHz
(AV ≥ 8V/V), respectively. Their high slew rates of up to
1800V/µs provide exceptional full-power bandwidths up
to 280MHz, making these amplifiers ideal for high-per-
formance pulse and RGB video applications.
These high-speed op amps have a wide output voltage
swing of ±3.5V into 100
Ω and a high current-drive
capability of 80mA.
________________________Applications
Broadcast and High-Definition TV Systems
RGB Video
Pulse/RF Amplifier
Ultrasound/Medical Imaging
Active Filters
High-Speed ADC Buffers
Professional Cameras
High-Definition Surveillance
____________________________Features
o 400MHz -3dB Bandwidth (MAX4112/MAX4117)
270MHz -3dB Bandwidth (MAX4113/MAX4119)
300MHz -3dB Bandwidth (MAX4118/MAX4120)
o 0.1dB Gain Flatness to 115MHz
o 1200V/µs Slew Rate
(MAX4112/MAX4117/MAX4119)
1800V/µs Slew Rate
(MAX4113/MAX4118/MAX4120)
o 280MHz Full-Power Bandwidth
(VO = 2Vp-p, MAX4112/MAX4117)
240MHz Full-Power Bandwidth
(VO = 2Vp-p, MAX4113/MAX4118/MAX4120)
o High Output Drive: 80mA
o Low Power: 5mA Supply Current per Channel
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
________________________________________________________________
Maxim Integrated Products
1
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
19-0440; Rev 2; 4/97
PART
MAX4112ESA
MAX4112EUA
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 µMAX*
______________Ordering Information
Ordering Information continued at end of data sheet.
*
Contact factory for µMAX package availability.
OUT
IN+
N.C.
VEE
1
2
8
7
N.C.
VCC
IN-
N.C.
MAX4112
MAX4113
SO/
µMAX
TOP VIEW
3
4
6
5
INB-
INA+
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
OUTA
MAX4117
MAX4118
SO
3
4
6
5
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
INC+
INC-
OUTC
OUTB
INB-
INB+
SO
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
OUTA
OUTD
IND-
IND+
VEE
INC+
INC-
OUTC
N.C.
QSOP
INA-
INA+
INB-
VCC
INB+
OUTB
N.C.
MAX4119
MAX4120
MAX4119
MAX4120
__________________________________________________________Pin Configurations
EVALUATION
KIT
AVAILABLE
MAX4113ESA
-40°C to +85°C
8 SO
MAX4117ESA
-40°C to +85°C
8 SO
MAX4118ESA
-40°C to +85°C
8 SO


Similar Part No. - MAX4119EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4119EEE MAXIM-MAX4119EEE Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results

Similar Description - MAX4119EEE

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2260C ELANTEC-EL2260C Datasheet
461Kb / 20P
Dual/Quad 130 MHz Current Feedback Amplifiers
logo
Linear Technology
LT1395 LINER-LT1395 Datasheet
196Kb / 12P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Intersil Corporation
EL2460 INTERSIL-EL2460 Datasheet
294Kb / 15P
Dual/Quad 130MHz Current Feedback Amplifiers
January 1995
logo
Linear Technology
LT1395 LINER-LT1395_1 Datasheet
741Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
Dual and Quad 100MHz Current Feedback Amplifiers
LT1395 LINER-LT1395_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1396 LINER-LT1396_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
LT1397 LINER-LT1397_15 Datasheet
329Kb / 20P
Single/Dual/Quad 400MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4112 MAXIM-MAX4112_V01 Datasheet
577Kb / 12P
Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com