Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4113 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4113
Description  Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4113 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4113 Datasheet HTML 1Page - Maxim Integrated Products MAX4113 Datasheet HTML 2Page - Maxim Integrated Products MAX4113 Datasheet HTML 3Page - Maxim Integrated Products MAX4113 Datasheet HTML 4Page - Maxim Integrated Products MAX4113 Datasheet HTML 5Page - Maxim Integrated Products MAX4113 Datasheet HTML 6Page - Maxim Integrated Products MAX4113 Datasheet HTML 7Page - Maxim Integrated Products MAX4113 Datasheet HTML 8Page - Maxim Integrated Products MAX4113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Single/Dual/Quad, 400MHz, Low-Power,
Current Feedback Amplifiers
_______________________________________________________________________________________
3
Note 1: The MAX4112/MAX4113/MAX4117–MAX4120 are designed to operate in a closed-loop configuration in which the IN- pin is
driven by the OUT pin through an external feedback network. If an external voltage source is connected to IN-, current into
or out of IN- must be limited to ±10mA, to prevent damage to the part.
to 0.01%,
-1V
≤ VOUT ≤ 1V
to 0.1%,
-1V
≤ VOUT ≤ 1V
VOUT = 2Vp-p
-2V
≤ VOUT ≤ 2V
MAX4112/MAX4117/MAX4119, AVCL = +2
MAX4113/MAX4118/MAX4120, AVCL = +8
3
ns
25
tS
Settling Time
35
10
15
V/µs
1800
SR
Slew Rate
1200
MHz
BWLS
Large-Signal -3dB Bandwidth
240
280
100
MHz
115
BW0.1dB
0.1dB Gain Flatness
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
fC = 5MHz,
VOUT = 2Vp-p
f = 3.58MHz,
RL = 150Ω
f = 3.58MHz,
RL = 150Ω
dB
-75
Crosstalk
dB
36
IP3
Two-Tone Third-Order Intercept
dBc
-62
SFDR
Spurious-Free Dynamic Range
-68
Ω
0.9
ZOUT
Output Impedance
pF
2
CIN
Input Capacitance
degrees
0.04
DP
Differential Phase
0.03
%
0.02
DG
Differential Gain
0.02
ns
0.8
tR, tF
Rise/Fall Times
10% to 90%, -2V
≤ VOUT ≤ 2V
MAX4113/MAX4118/
MAX4120
MAX4112/MAX4117/
MAX4119
MAX4113/MAX4118/
MAX4120
MAX4112/MAX4117/
MAX4119
MAX4113/MAX4118/
MAX4120
MAX4113/MAX4118/
MAX4120
MAX4112/MAX4117
MAX4112/MAX4117/
MAX4119
CONDITIONS
All hostile, VIN = 1Vp-p, f = 10MHz
MAX4112/MAX4117/MAX4119, fC = 10MHz,
fC1 = 10.1MHz, AVCL = +2
MAX4113/MAX4118/
MAX4120, AVCL = +8
MAX4112/MAX4117/
MAX4119, AVCL = +2
f = 10MHz, AVCL = +2
MAX4113/MAX4118/
MAX4120, AVCL = +8
MAX4113/MAX4118/
MAX4120, AVCL = +8
MAX4112/MAX4117/
MAX4119, AVCL = +2
MAX4112/MAX4117/
MAX4119, AVCL = +2
10% to 90%, -50mV
≤ VOUT ≤ 50mV
MAX4119
145
AC SPECIFICATIONS (RL = 100Ω, unless otherwise noted) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com