Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4144EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4144EEE
Description  High-Speed, Low-Distortion, Differential Line Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4144EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4144EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4144EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
High-Speed, Low-Distortion,
Differential Line Receivers
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = 150Ω, TA = +25°C, unless otherwise noted.)
-5
-4
-3
-2
-1
0
1
2
3
4
5
100k
1M
10M
100M
1G
MAX4146
SMALL-SIGNAL GAIN
vs. FREQUENCY (AV = +100)
FREQUENCY (Hz)
VOUT = 100mVRMS
0.5
0.4
-0.5
100k
1M
10M
100M
1G
MAX4144
0.1dB GAIN FLATNESS vs.
FREQUENCY (AV = +2)
0
-0.1
-0.2
-0.3
-0.4
FREQUENCY (Hz)
0.1
0.2
0.3
VOUT = 100mVRMS
5
-5
100k
1M
10M
100M
1G
MAX4144
SMALL-SIGNAL GAIN
vs. FREQUENCY (AV = +2)
-3
FREQUENCY (Hz)
-1
1
3
4
-4
-2
0
2
VOUT = 100mVRMS
4
-6
100k
1M
10M
100M
1G
MAX4145
SMALL-SIGNAL GAIN
vs. FREQUENCY (AV = +1)
-4
FREQUENCY (Hz)
-2
0
2
3
-5
-3
-1
1
VOUT = 100mVRMS
5
-5
100k
1M
10M
100M
1G
MAX4146
SMALL-SIGNAL GAIN
vs. FREQUENCY (AV = +10)
-3
FREQUENCY (Hz)
-1
1
3
4
-4
-2
0
2
VOUT = 100mVRMS
0.5
0.4
-0.5
100k
1M
10M
100M
1G
MAX4145
0.1dB GAIN FLATNESS vs.
FREQUENCY (AV = +1)
0
-0.1
-0.2
-0.3
-0.4
FREQUENCY (Hz)
0.1
0.2
0.3
VOUT = 100mVRMS
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = -5V, SHDN = 0V, RL = 150Ω, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
0.03
0.06
Differential Phase (Note 1)
DP
0.07
Degrees
-66
-67
-48
f = 3.58MHz
f = 5MHz,
VOUT = 2Vp-p
MAX4144
MAX4145
MAX4146
Note 1: Differential gain and phase are tested using a modulated ramp, 100 IRE (0.714V).
-90
-92
Spurious-Free Dynamic Range
SFDR
-82
dBc
f = 10kHz,
VOUT = 2Vp-p
MAX4144
MAX4145
MAX4146
AV = 2V/V
AV = 1V/V
AV = 10V/V
AV = 2V/V
AV = 1V/V
AV = 10V/V
MAX4144
MAX4145
MAX4146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com