Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4172ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4172ESA
Description  Low-Cost, Precision, High-Side Current-Sense Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4172ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4172ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4172ESA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(V+ = +3V to +32V; RS+, RS- = 0V to 32V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at V+ = +12V, RS+ = 12V,
TA = +25°C.)
Low-Cost, Precision, High-Side
Current-Sense Amplifier
_______________________________________________________________________________________
3
1000
950
500
010
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
600
650
550
900
850
800
V+ (V)
20
30
750
700
40
TA = +85°C
TA = +25°C
TA = -40°C
IOUT = 0mA
0.5
0.4
-0.5
010
OUTPUT ERROR
vs. SUPPLY VOLTAGE
-0.3
-0.4
-0.2
0.3
0.2
0.1
V+ (V)
20
30
0
-0.1
40
TA = +25°C
TA = +85°C
TA = -40°C
VSENSE = 100mV
1.5
1.0
-3.0
010
C/16 LOAD OUTPUT ERROR
vs. SUPPLY VOLTAGE
-2.0
-1.5
-2.5
0.5
0
V+ (V)
20
30
-0.5
-1.0
40
TA = +85°C
TA = +25°C
TA = -40°C
VSENSE = 6.25mV
__________________________________________Typical Operating Characteristics
(V+ = +12V, VRS+ = 12V, ROUT = 1kΩ, TA = +25°C, unless otherwise noted.)
Note 1: 6.25mV = 1/16 of typical full-scale sense voltage (C/16).
Note 2: Valid operation of the MAX4172 is guaranteed by design when
PG is low.
IOUT ≤ 1.5mA
CONDITIONS
V
V+ - 1.2
Maximum Output Voltage
(OUT)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = 2.5V, TA = +25°C
ISINK = 1.2mA, V+ = 2.9V, TA = +25°C
µA
1
Leakage Current into
PG
V
0.4
VOL
PG Output Low Voltage
VSENSE = 5mV to 100mV
VSENSE = 0mV to 100mV, 10% to 90%
µs
6
OUT Settling Time to 1%
1.3
ns
400
OUT Rise Time
VSENSE = 150mV
M
Ω
20
OUT Output Resistance
VSENSE = 100mV to 0mV, 90% to 10%
ns
800
OUT Fall Time
Rising
Falling
V+ = 0V, VRS+ = VRS- = 32V
µA
0.1
1
Power-Off Input Leakage
Current (RS+, RS-)
VSENSE = 100mV
kHz
800
Bandwidth
Gm = IOUT / (VRS+ - VRS-),
VSENSE = 100mV, VRS+ > 2.0V
mA/V
9.8
10
10.2
Gm
Transconductance
mA
1.5
1.75
IOUT
Maximum Output Current
V+ rising
V
2.77
V+ Threshold for
PG Output
Low (Note 2)
VSENSE = 6.25mV (Note 1)
TA = 0°C to +85°C
V+ falling
2.67
TA = -40°C to 0°C
9.7
10
10.3
200



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com