Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4166EPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4166EPA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166EPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4166EPA Datasheet HTML 1Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 2Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 3Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 4Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 5Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 6Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 7Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 8Page - Maxim Integrated Products MAX4166EPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise
noted.)
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), V SHDN ≥ 2V, TA = -40°C to +85°C, unless
otherwise noted.) (Note 4)
VCC = 3V
VCC = 5V
Shutdown mode
VCC = 5V
VCC = 3V
VIH
CONDITIONS
0.8
V SHDN < 0.8V
Inferred from PSRR test
VEE < V SHDN < VCC
Normal mode
µA
38
49
V
2.7
6.5
VCC
Operating Supply-Voltage
Range
µA
±3.0
SHDN Input Bias Current
V
2.0
VIL
SHDN Logic Threshold
(Note 3)
ICC(SHDN)
Shutdown Supply Current
(per Amplifier)
58
75
mA
1.2
1.4
15
30
ICC
Quiescent Supply Current
(per Amplifier)
1.3
1.5
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
10
25
VCC = 5V
mV
160
350
VOUT
Output Voltage Swing
340
430
VOUT = 0.6V to (VCC - 0.6V)
mA
±80
±125
Output Source/Sink Current
(Note 2)
VCC - VOH
RL = 100kΩ
VOL - VEE
VCC - VOH
VOL - VEE
RL = 25Ω
VCM = VEE to VCC
Inferred from CMRR test
VCM = VEE to VCC
nA
±225
IB
Input Bias Current
CONDITIONS
nA
±21
IOS
Input Offset Current
V
VEE - 0.15
VCC + 0.15
VCM
Common-Mode Input
Voltage Range
71
71
MAX416_EPA/EPD
MAX416_ESA/ESD
4.3
1.0
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX416_EPA/EPD
1.0
MAX416_ESA/ESD
VCM = VEE to VCC
mV
4.9
VOS
Input Offset Voltage
MAX416_EUA/EUB
1.2
MAX416_EUK
MAX416_EUA/EUB
65
67
57
56
MAX416_EUK
MAX416_ESA/ESD
65
MAX416_EUA/EUB
66
MAX416_EUK
MAX4169E_D
VCC = 2.7V to 6.5V
PSRR
Power-Supply Rejection Ratio
dB
µV/°C
±3
∆VOS/∆T
Offset-Voltage Tempco
MAX4169E_D
VEE - 0.15V < VCM <
(VCC + 0.15V)
69
MAX4169E_D
dB
CMRR
Common-Mode
Rejection Ratio
67
MAX416_EPA/EPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com