Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB1ST08 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MB1ST08
Description  Miniature Glass Passivated Single Phase
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MB1ST08 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MB1ST08 Datasheet HTML 1Page - Cystech Electonics Corp. MB1ST08 Datasheet HTML 2Page - Cystech Electonics Corp. MB1ST08 Datasheet HTML 3Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CYStech Electronics Corp.
Spec. No. : C769HT
Issued Date : 2014.04.29
Revised Date :
Page No. : 2/ 3
MB05ST08 thru MB10ST08
CYStek Product Specification
Ordering Information
Device
Package
Shipping
MBXXST08-0-T8-X
MBST
(Pb-free lead plating and halogen-free package)
750 pcs / tape & reel
Characteristic Curves
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant and
green compound products
Packing spec, T8 : 750 pcs / tape & reel, 7” reel
Product rank, zero for no rank products
Product name



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com