Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4166ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4166ESA
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4166ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4166ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4166ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
IN_+, IN_-, SHDN_............................(VEE - 0.3V) + (VCC + 0.3V)
OUT_ (shutdown mode) ...................(VEE - 0.3V) + (VCC + 0.3V)
Output Short-Circuit Duration to VCC or VEE (Note 1)....Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.10mW/°C above +70°C)...........571mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ............330mW
10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise
noted.)
| VIN+ - VIN- | > 1.8V
| VIN+ - VIN- | ≤ 1.8V
VCM = VEE to VCC
Inferred from CMRR test
CONDITIONS
2
RIN(DIFF)
Differential Input Resistance
k
Ω
500
nA
±1
±15
IOS
Input Offset Current
V
VEE - 0.25
VCC + 0.25
VCM
Common-Mode Input
Voltage Range
VSHDN < 0.8V, VOUT = 0V to VCC
AVCL = +1V/V
VOUT = 0.2V to 4.8V, RL = 100kΩ
µA
±0.001
±2
IOUT(SHDN)
Off-Leakage Current
in Shutdown
Ω
0.1
ROUT
Output Resistance
72
93
72
93
MAX416_EPA/EPD
MAX416_ESA/ESD
0.35
1.5
0.25
0.85
VCC = 5V
AVOL
Large-Signal Voltage Gain
95
120
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX416_EPA/EPD
0.25
0.85
MAX416_ESA/ESD
VCM = VEE to VCC
mV
0.35
1.7
VOS
Input Offset Voltage
MAX416_EUA/EUB
0.25
1.0
MAX416_EUK
MAX416_EUA/EUB
72
86
72
88
63
90
62
89
MAX416_EUK
MAX416_ESA/ESD
72
86
MAX416_EUA/EUB
70
88
MAX416_EUK
MAX4169E_D
VCC = 2.7V to 6.5V
PSRR
Power-Supply Rejection Ratio
dB
VOUT = 0.6V to 4.4V, RL = 25Ω
71
83
dB
Note 1: Continuous power dissipation should also be observed.
71
93
dB
VEE - 0.25V <
VCM < (VCC + 0.25V)
CMRR
Common-Mode
Rejection Ratio
72
88
MAX416_EPA/EPD
VCM = VEE to VCC
nA
±50
±150
IB
Input Bias Current
MAX4169E_D
MAX4169E_D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com