Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4195ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4195ESA
Description  Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4195ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4195ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4195ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail,
Precision Instrumentation Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = 0, RL = 25kΩ tied to VCC/2, VREF = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+8V
All Other Pins .................................. (VCC + 0.3V) to (VEE - 0.3V)
Current into Any Pin..........................................................±30mA
Output Short-Circuit Duration (to VCC or VEE)........... Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.9mW/°C above +70°C) ........................... 471mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
I SHDN = VIL, MAX4195/96/97 only
µA
Inferred by PSR
test
VCM = VEE + 0.2V
to VCC - 1.1V,
f = 120Hz
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = TMIN to TMAX,
∆RS = 1kΩ
115
VCM = VCC/2
Differential
90
115
VCM = VEE + 0.2V
to VCC - 1.1V,
TA = +25°C,
∆RS = 1kΩ
G = +1V/V
Common mode
VIN+ = VIN- = VCC/2, VDIFF = 0
G = +1V/V, VCM = VCC/2, TA = +25°C
Inferred from CMR test
VCM = VCC/2
CONDITIONS
106
101
dB
85
CMRAC
AC Common-Mode Rejection
88
115
115
G = +1V/V
73
95
G = +10V/V
95
115
G = +100V/V
G = +1V/V
G = +10V/V
93
115
G = +100V/V
G = +1000V/V
dB
78
95
CMRDC
DC Common-Mode Rejection
V
VEE + 0.2
VCC - 1.1
VIN
Input Voltage Range
Differential
1000
Common mode
4
812
I SHDN
Shutdown Current
V
±1.35
±3.75
pF
2.7
7.5
VCC
Supply Voltage Range
1
M
Ω
1000
RIN
Input Resistance
CIN
Input Capacitance
G = +1V/V
G = +10V/V
µV/°C
±1.0
±4.0
TCVOS
Input Offset Voltage Drift
(Note 1)
µA
93
110
ICC
Quiescent Current
G = +100V/V
±100
±450
G = +1000V/V
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Single supply
Dual supplies
G
≥ +10V/V
±0.5
±2.0
G = +10V/V, VCM = VCC/2, TA = +25°C
±75
±225
G = +1000V/V, VCM = VCC/2, TA = +25°C
±50
G = +100V/V, VCM = VCC/2, TA = +25°C
±50
±225
G = +10V/V, VCM = VCC/2, TA = TMIN to TMAX
±75
±345
G = +1V/V, VCM = VCC/2, TA = TMIN to TMAX
G = +1000V/V, VCM = VCC/2, TA = TMIN to
µV
VOS
Input Offset Voltage
±50
G = +100V/V, VCM = VCC/2, TA = TMIN to
±50
±345
±100
±690



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com