Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4199ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4199ESA
Description  Micropower, Single-Supply, Rail-to-Rail Precision Differential Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4199ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4199ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4199ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micropower, Single-Supply, Rail-to-Rail
Precision Differential Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX4198 (+5V Supply)
(VCC = +5V, VEE = 0V, RL = 25kΩ tied to VCC / 2, VREF = VCC / 2, V SHDN = VCC - 1.5V, typical values are at TA = +25°C,
TA = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE)..................................................+8V
All Other Pins to GND ......................(VEE - 0.3V) to (VCC + 0.3V)
Output Short Circuit Duration (to VCC or VEE)............Continuous
Continuous Power Dissipation (TA = +70°C)
SO (derate 9.09mW/°C above +70°C) ..........................471mW
µMAX (derate 4.1mW/°C above +70°C) .......................330mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................ -65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VEE + 0.1V ≤
VOUT ≤ VCC -
0.1V
Sink/source
RL = 5kΩ, ±10mV input overdrive
RL = 25kΩ, ±10mV input overdrive
f = 0.1Hz to 10Hz
f = 10kHz
VCM = VEE - 0.1V
to VCC + 0.1V
f = 100Hz
f = 10Hz
Common-mode
IN- differential-mode
MAX4198ESA
MAX4198EUA
IN+ differential-mode
+2.7V
≤ VCC ≤ +7.5V, VCM = +1.5V,
VREF = +1.5V, RL = 25kΩ to +1.5V
CONDITIONS
Gain Temperature Coefficient
ppm/°C
±0.2
±3
±0.01
±0.1
mA
±5.5
Short-Circuit Current
VEE + 0.2 VEE + 0.1 to
to VCC - 0.2 VCC - 0.1
Output Voltage Swing
V
VEE + 0.1 VEE + 0.03 to
to VCC - 0.1 VCC - 0.03
µVRMS
7.8
Input Noise Voltage
nV
√Hz
58
60
120
dB
90
115
PSR
Power-Supply Rejection
±1.35
±3.75
2.7
7.5
dB
74
90
CMRDC
DC Common-Mode Rejection
k
Ω
50
RIN
25
Input Resistance
V
VCC
Supply Voltage Range
(Note 2)
±0.5
±5
µV/°C
±1
±20
TCO
Input Offset Voltage Drift
50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Single supply
Dual supply
Guaranteed by CMR test
V
VEE - 0.1
VCC + 0.1
VIN
Input Voltage Range
VCM = VEE - 0.1 to VCC + 0.1V,
f = 60Hz, f = 120Hz
dB
90
CMRAC
AC Common-Mode Rejection
RL = 25kΩ, VEE + 0.1V ≤
VOUT ≤ VCC - 0.1V
VCM = VCC / 2,
TA = +25°C
RL = 5kΩ, VEE + 0.2V ≤
VOUT ≤ VCC - 0.2V
%
±0.01
±0.1
Gain Error
MAX4198ESA
±0.65
±6
MAX4198EUA
VEE + 0.1V ≤ VOUT ≤ VCC - 0.1V
Nonlinearity
%
±0.0003
70
90
MAX4198EUA
MAX4198ESA
TA = +25°C,
VCM = VCC / 2
TA = TMIN to TMAX,
VCM = VCC / 2
±750
±100
±1000
±30
±500
µV
±2300
VOS
Input Offset Voltage
MAX4198ESA
MAX4198EUA
MAX4198ESA
MAX4198EUA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com