Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4202ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4202ESA
Description  Ultra-High-Speed, Low-Noise, Low-Power, SOT23 Open-Loop Buffers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4202ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4202ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4202ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
VOUT = 2Vp-p
Ultra-High-Speed, Low-Noise, Low-Power,
SOT23 Open-Loop Buffers
_______________________________________________________________________________________
3
VOUT =
2Vp-p
VOUT
≤ 100mVRMS
VOUT
≤ 100mVRMS
VOUT = 2V step
CONDITIONS
dBc
-32
SFDR
Spurious-Free Dynamic
Range
-44
-47
-34
-45
-48
ns
12
tS
Settling Time to 0.1%
ps
405
Group Delay Time
530
780
660
MHz
310
FPBW
Full-Power Bandwidth
490
MHz
230
BW(0.1dB)
0.1dB Bandwidth
MHz
720
BW(-3dB)
-3dB Bandwidth
220
280
130
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 100
Ω for MAX4200/MAX4201/MAX4203/MAX4204, RL = 150Ω for MAX4202/MAX4205, TA = TMIN to
TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
f = 1MHz
MAX4200/MAX4201/
MAX4202, f = 500kHz,
VOUT = 2Vp-p
pA/
√Hz
0.8
in
Input Current Noise Density
-48
-48
-72
pF
2
CIN
Input Capacitance
VOUT = 2Vp-p
f = 10MHz
-65
XTALK
Amplifier Crosstalk
dB
-87
Ω
6
ZOUT
Output Impedance
MAX4200
MAX4201/MAX4202
MAX4203
MAX4204/MAX4205
MAX4200
MAX4201/MAX4202
MAX4203
MAX4204/MAX4205
MAX4200/MAX4201/MAX4202
MAX4200/MAX4201/
MAX4202
f = 5MHz
f = 20MHz
f = 100MHz
f = 5MHz
f = 20MHz
f = 100MHz
MAX4203/MAX4204/
MAX4205
VOUT
≤ 2Vp-p
VOUT = 2V step
V/µs
4200
SR
Slew Rate
MAX4203/MAX4204/MAX4205
f = 1MHz
NTSC, RL = 150
Ω
NTSC, RL = 150
Ω
nV/
√Hz
2.1
en
Input Voltage Noise Density
degrees
0.15
DP
Differential Phase Error
%
1.3
DG
Differential Gain Error
Second harmonic
Third harmonic
Total harmonic
Second harmonic
Third harmonic
Total harmonic
MAX4203/MAX4204/|
MAX4205, f = 500kHz,
VOUT = 2Vp-p
dBc
-47
HD
Harmonic Distortion
-47
-83
f = 10MHz
f = 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com