Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6C742 Datasheet(PDF) 1 Page - Solid State Optronic

Part # AD6C742
Description  Compact 6 pin DIP/SMD Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD6C742 Datasheet(HTML) 1 Page - Solid State Optronic

  AD6C742 Datasheet HTML 1Page - Solid State Optronic AD6C742 Datasheet HTML 2Page - Solid State Optronic AD6C742 Datasheet HTML 3Page - Solid State Optronic AD6C742 Datasheet HTML 4Page - Solid State Optronic AD6C742 Datasheet HTML 5Page - Solid State Optronic AD6C742 Datasheet HTML 6Page - Solid State Optronic AD6C742 Datasheet HTML 7Page - Solid State Optronic AD6C742 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
AD6C742 H/S/TR
Rev 2.00 (11/25/2013)
001745
Page 1 of 8
AD6C742
1 Form B
60V / 1Ω
MOSFET Output Solid State Relay
Description
The AD6C742 is a bi-directional, single-pole, single-throw,
normally closed multipurpose relay. It is designed to
replace electro-mechanical relays in general purpose
switching applications. The relay consists of an integrated
circuit that drives two rugged drain-to-drain depletion type
DMOS transistors - optically coupled to a light emitting
diode. The AD6C742 has an extremely low on resistance
(500mΩ TYP) and high load current capability (800mA),
giving the device unparalleled performance for a normally
closed relay.
The AD6C742 comes standard in a compact 6 pin DIP
package making it ideal for high-density board applications.
Schematic Diagram
Agency Approvals
UL/C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
Reed Relay Replacement
Security Systems
Meter Reading Equipment
Data Acquisition
Battery Monitoring
Multiplexers
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature
………………………-40 to +85°C
Continuous Input Current………………………………..50mA
Transient Input Current ………………….……………..500mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Output Power Dissipation ……………………………..800mW
Solder Temperature – Wave (10sec)……………….….260°C
Solder Temperature – IR Reflow (10sec)….…………..260°C
Ordering Information
Part Number
Description
AD6C742
6 pin DIP, (50/Tube)
AD6C742-H
5kVRMS VISO, 6 pin DIP, (50/Tube)
AD6C742-S
6 pin SMD, (50/Tube)
AD6C742-HS
5kVRMS, 6 pin SMD, (50/Tube)
AD6C742-STR
6 pin SMD, Tape and Reel (1000/Reel)
AD6C742-HSTR 5kVRMS, 6 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
Compact 6 pin DIP/SMD Package
High Input-to-Output Isolation (up to 5VRMS)
Low Input Control Current (2.5mA TYP)
800mA Maximum Continuous Load Current
Low On Resistance (500m
 TYP)
Long Life / High Reliability
RoHS / Pb-Free / REACH Compliant
1
2
3
4
5
6
(+) Input
(-) Input
Do Not Use
-/+ Load
DC Connection
+/- Load
AD6C742


Similar Part No. - AD6C742

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
AD6C742 SOLIDSTATE-AD6C742 Datasheet
360Kb / 8P
Compact 6 pin DIP/SMD Package
Rev 2.00
More results

Similar Description - AD6C742

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C331 SSOUSA-AD6C331 Datasheet
346Kb / 8P
Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
Compact 6 pin DIP/SMD Package
MD601 SSOUSA-MD601 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
MD621 SSOUSA-MD621 Datasheet
223Kb / 7P
Compact 6 pin DIP/SMD package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com