Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4182ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4182ESA
Description  Single/Dual/Quad, 270MHz, 1mA, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4182ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4182ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4182ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
V
Single/Dual/Quad, 270MHz, 1mA, SOT23,
Current-Feedback Amplifiers with Shutdown
_______________________________________________________________________________________
3
DC ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(VCC = +5V, VEE = -5V, VIN+ = 0V, SHDN ≥ 3V; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
DC ELECTRICAL CHARACTERISTICS—Single Supply
(VCC = +5V, VEE = 0V, VIN+ = 2.5V, SHDN ≥ 3V, RL to VCC/2; TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Positive Power-Supply
Rejection Ratio
PSRR+
SHDN Logic Input Bias Current
IIN
±0.1
±2.0
µA
Negative Power-Supply
Rejection Ratio
PSRR-
53
62
60
71
VCC = 5V, VEE = -4.5V to -5.5V
dB
Operating Supply Voltage
VCC/VEE
±2.25
±5.50
V
Quiescent Supply Current
per Amplifier
IS
1.0
1.3
mA
IS(OFF)
135
180
µA
CONDITIONS
RL = ∞
VEE = -5V, VCC = 4.5V to 5.5V
Shutdown Supply Current
per Amplifier
VEE ≤ SHDN ≤ VCC (Note 4)
dB
SHDN = 0V, RL = ∞ (Note 4)
MAX418_EUT
All other packages
1.0
1.2
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Bias Current
(Positive Input)
IB+
Input Offset Voltage Matching
±1
mV
Input Bias Current
(Negative Input)
IB-
±1
±12
±1
±7
k
Ω
Input Resistance
(Positive Input)
RIN+
µA
Input Resistance
(Negative Input)
RIN-
160
Ω
Input Offset Voltage
Input Voltage Range
VCM
1.3 to
1.1 to
3.7
3.9
V
VOS
±1.5
±7
mV
Input Offset Voltage Drift
TCVOS
±12
µV/°C
Common-Mode
Rejection Ratio
CMRR
-50
-58
dB
TR
0.8
2.5
M
Ω
0.275
0.9
CONDITIONS
1.3V
≤ VCM ≤ 3.7V
Open-Loop
Transresistance
MAX4182–MAX4187
µA
250
800
RL = 1kΩ, VOUT = 1.2V to 3.8V
RL = 150Ω, VOUT = 1.4V to 3.6V
1.3V
≤ VIN+ ≤ 3.7V, -1V ≤ (VIN+ - VIN-) ≤ 1V
1.15 to
1.0 to
3.85
4.0
VCM = 2.5V
V
1.35 to
1.2 to
3.65
3.8
RL = 1kΩ
RL = 150Ω
Output Voltage Swing
VSW
1.3 to
3.7
RL = 100Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com