Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFE9130 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFE9130
Description  Simple Drive Requirements
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE9130 Datasheet(HTML) 2 Page - International Rectifier

  IRFE9130 Datasheet HTML 1Page - International Rectifier IRFE9130 Datasheet HTML 2Page - International Rectifier IRFE9130 Datasheet HTML 3Page - International Rectifier IRFE9130 Datasheet HTML 4Page - International Rectifier IRFE9130 Datasheet HTML 5Page - International Rectifier IRFE9130 Datasheet HTML 6Page - International Rectifier IRFE9130 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE9130
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction to Case
—
—
5.0
RthJ-PCB
Junction to PC Board
—
—
19
Soldered to a copper clad PC board
°C/W
Source-DrainDiodeRatingsandCharacteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-6.5
ISM
Pulse Source Current (Body Diode)

—
—
-25
VSD Diode Forward Voltage
—
—
-4.3
V
Tj = 25°C, IS = -6.5A, VGS = 0V „
trr
Reverse Recovery Time
—
—
250
ns
Tj = 25°C, IF = -6.5A, di/dt ≤-100A/µs
QRR Reverse Recovery Charge
—
—
3.0
µC
VDD ≤ -50V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
—
—
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
—
-0.10
—
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.30
VGS = -10V, ID = -4.1A„
Resistance
—
—
0.345
VGS = -10V, ID = -6.5A „
VGS(th)
Gate Threshold Voltage
-2.0
—
-4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.9
—
—
S
VDS = -15V, IDS = -4.1A„
IDSS
Zero Gate Voltage Drain Current
—
—
-25
VDS = -80V, VGS= 0V
—
—
-250
VDS = -80V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -20V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = 20V
Qg
Total Gate Charge
—
—
35
VGS = -10V, ID = -6.5A
Qgs
Gate-to-Source Charge
—
—
6.8
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
23
td(on)
Turn-On Delay Time
—
—
60
VDD = -50V, ID = -6.5A,
tr
Rise Time
—
—
140
RG = 7.5Ω
td(off)
Turn-Off Delay Time
—
—
140
tf
Fall Time
—
—
140
LS + LD
Total Inductance
—
—
Ciss
Input Capacitance
—
790
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
340
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
71
—
nA
nH
ns
µA
Ω
Measured from the center of
drain pad to center of source
pad
Note: Corresponding Spice and Saber models are available on International Rectifier Website.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com