Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4239ASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4239ASA
Description  Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4239ASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4239ASA Datasheet HTML 1Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 2Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 3Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 4Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 5Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 6Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 7Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 8Page - Maxim Integrated Products MAX4239ASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Ultra-Low Offset/Drift, Low-Noise,
Precision SOT23 Amplifiers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(2.7V
≤ VCC ≤ 5.5V, VCM = GND = 0V, VOUT = VCC/2, RL = 10kΩ connected to VCC/2, SHDN = VCC, TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power-Supply Voltage (VCC to GND).......................................6V
All Other Pins .................................(GND - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration
(OUT shorted to VCC or GND) ...............................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin Plastic SOT23 (derate 9.1mW/°C above +70°C).727mW
8-Pin Plastic SO (derate 5.88mW/°C above +70°C).....471mW
Operating Temperature Range ..........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range..............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
(Note 1)
0.1
2
µV
Long-Term Offset Drift
50
nV/1000hr
Input Bias Current
IB
(Note 2)
1
pA
Input Offset Current
IOS
(Note 2)
2
pA
Input Noise Voltage
enP-P
RS = 100
Ω, 0.01Hz to 10Hz
1.5
µVP-P
Common-Mode Input
Voltage Range
VCM
Inferred from CMRR test
GND
- 0.1
VCC -
1.3
V
Common-Mode Rejection Ratio
CMRR
-0.1V
≤ VCM ≤ VCC - 1.3V (Note 1)
120
140
dB
Power-Supply Rejection Ratio
PSRR
2.7V
≤ VCC ≤ 5.5V (Note 1)
120
140
dB
0.05V
≤ VOUT ≤ VCC - 0.05V
(Note 1)
RL = 10k
Ω
125
150
Large-Signal Voltage Gain
AVOL
0.1V
≤ VOUT ≤ VCC - 0.1V
(Note 1)
RL = 1k
Ω
125
145
dB
VCC - VOH
410
RL = 10k
Ω
VOL
410
VCC - VOH
35
50
Output Voltage Swing
VOH/VOL
RL = 1k
Ω
VOL
35
50
mV
Output Short-Circuit Current
To either supply
40
mA
Output Leakage Current
0
≤ VOUT ≤ VCC, SHDN = GND (Note 2)
0.01
1
µA
MAX4238
0.35
Slew Rate
VCC = 5V, CL = 100pF,
VOUT = 2V step
MAX4239
1.6
V/µs
MAX4238
1
Gain-Bandwidth Product
GBWP
RL = 10k
Ω, CL = 100pF,
measured at f = 100kHz
MAX4239
6.5
MHz
MAX4238
1
Minimum Stable Closed-Loop
Gain
RL = 10k
Ω, CL = 100pF,
phase margin = 60
o
MAX4239
10
V/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com