Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4241ESA Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX4241ESA
Description  Single/Dual/Quad, 1.8V/10關A, SOT23, Beyond-the-Rails Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4241ESA Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX4241ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4241ESA Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Single/Dual/Quad, +1.8V/10µA, SOT23,
Beyond-the-Rails Op Amps
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1998 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
P
D
E
F
W
P2
P0
D1
A0
B0
K0
t
±0.102
±0.102
A0
B0
D
D1
3.200
3.099
1.499
0.991
±0.102
±0.051
±0.102
±0.102
1.753
3.505
1.397
3.988
E
F
K0
P
+0.102
+0.000
NOTE: DIMENSIONS ARE IN MM.
AND FOLLOW EIA481-1 STANDARD.
+0.305
-0.102
+0.254
+0.000
P0
3.988
±0.102
P010
40.005
±0.203
P2
2.007
±0.051
t
0.254
±0.127
W
8.001
________________________________________________________Package Information
__________________________________________________Tape-and-Reel Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com