Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4271ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4271ESA
Description  3V to 12V Current-Limiting Hot Swap Controllers with Autoretry, DualSpeed/BiLevel Fault Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4271ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4271ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4271ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
3V to 12V Current-Limiting Hot Swap Controllers
with Autoretry, DualSpeed/BiLevel Fault Protection
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
Input can be driven to the absolute
maximum limit without false output
inversion
-0.1
13.2
V
Input Bias Current
IB,COMP
0.001
1
µA
ON Pulse Width Low (Note 7)
tRESTART
To unlatch a fault MAX4271, MAX4273 with
CTIM = IN
20
µs
DIGITAL OUTPUTS (STAT, OUTC)
Output Leakage Current
VSTAT
≤ 13.2, VOUTC ≤ 13.2
1
µA
Output Voltage Low
VOL
ISINK = 1mA
0.4
V
RETRY TIMING (MAX4272, MAX4273)
Retry Timeout Period
tRETRY
100nF capacitor on CTIM (Note 5)
0.5
1
2
s
Default Retry
Timeout Period
tRETRY
(default)
CTIM = no connection
176
µs
UNDERVOLTAGE LOCKOUT (UVLO)
Threshold
VUVLO
Startup is initiated when this threshold is
exceeded at IN
2.25
2.67
V
Hysteresis
VUVLO,HYST
100
mV
Delay
tD,UVLO
Time the input voltage must exceed
undervoltage lockout before startup is
initiated
100
150
200
ms
ELECTRICAL CHARACTERISTICS (continued)
(VIN = +2.7V to +13.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.) (Note 3)
Note 3: All devices are 100% tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 4: Startup period is the time during which the slow comparator is ignored and the fast comparator regulates the sense current.
It is measured from the time ON is brought high.
Note 5: Inferred from test with CTIM = 1nF.
Note 6: The current available at GATE is a function of VGATE (see Typical Operating Characteristics).
Note 7: Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com