Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4268EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4268EEE
Description  Ultra-Low-Distortion, Single-Supply, 300MHz Op Amps with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4268EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4268EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4268EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ultra-Low-Distortion, Single-Supply,
300MHz Op Amps with Enable
______________________________________________________________________________________
13
5
-5
0.1M
1M
10M
100M
1G
-3
FREQUENCY (Hz)
-1
1
3
2
0
-2
-4
4
CL = 10pF
RISO = 12
Ω
CL = 10pF
RISO = 15
Ω
CL = 10pF
RISO = 18
Ω
Figure 4b. MAX4269 Small-Signal Gain vs. Frequency With
Isolation Resistor
4
-6
0.1M
1M
10M
100M
1G
-4
FREQUENCY (Hz)
-2
0
2
1
-1
-3
-5
3
CL = 22pF
RISO = 22
Ω
CL = 22pF
RISO = 3.9
Ω
CL = 22pF
RISO = 6
Ω
Figure 4c. MAX4270 Small-Signal Gain vs. Frequency With
Isolation Resistor
Power Supplies and Layout
The MAX4265–MAX4270 operate from a single +4.5V
to +8.0V power supply or from dual ±2.25V to ±4.0V
supplies. For single-supply operation, bypass each
power-supply input with a 0.1µF ceramic capacitor
placed close to the VCC pins, and an additional 10µF to
VEE. When operating from dual supplies, bypass each
supply to ground.
Good layout improves performance by decreasing the
amount of stray capacitance and noise at the op amp’s
inputs and output. To decrease stray capacitance, min-
imize PC board trace lengths and resistor leads, and
place external components close to the op amp’s pins.
Chip Information
TRANSISTOR COUNT: MAX4265/66/67: 132
MAX4268/69/70: 285



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com