Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4227ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4227ESA
Description  1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4227ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4227ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4227ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1GHz, Low-Power, SOT23,
Current-Feedback Amplifiers with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, SHDN = 5V, VCM = 0V, RL = ∞, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ..................................................12V
Analog Input Voltage .......................(VEE - 0.3V) to (VCC + 0.3V)
Analog Input Current ........................................................±25mA
SHDN Input Voltage.........................(VEE - 0.3V) to (VCC + 0.3V)
Short-Circuit Duration
OUT to GND ...........................................................Continuous
OUT to VCC or VEE............................................................5sec
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 7.1mW/°C above +70°C).............571mW
8-Pin SO (derate 5.9mW/°C above +70°C)...................471mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
14-Pin SO (derate 8.3mW/°C above +70°C).................667mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
±0.5
±4
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
mV
±0.5
±5
VOS
Input Offset Voltage
±2
±10
Input Bias Current
(Positive Input)
±7
TA = TMIN to TMAX
µA
±15
TA = +25°C
Ω
45
RIN-
Input Resistance (Negative Input)
k
Ω
700
RIN+
Input Resistance (Positive Input)
55
61
Inferred from CMRR test
V
±2.5
±3.2
VCM
Input Common-Mode
Voltage Range
Inferred from PSRR test
V
±2.85
±5.5
VCC/VEE
VCM = ±2.5V
Operating Supply Voltage
Range
68
74
dB
50
CMRR
Common-Mode Rejection Ratio
VCC = 2.85V to 5.5V,
VEE = -2.85V to -5.5V
dB
63
PSRR
Power-Supply Rejection Ratio
Shutdown mode (SHDN = 0V)
mA
0.35
0.55
RL = 50Ω
ISY
Quiescent Supply Current
(per Amplifier)
Normal mode (SHDN = 5V)
6.0
9.0
V
±2.5
±2.8
VOUT
Output Voltage Swing
VOUT = ±2.5V
M
Ω
0.3
0.8
TR
Open-Loop Transresistance
VOUT = ±2.5V
mA
60
80
IOUT
Output Current (Note 2)
0.7
1.5
RL = short to ground
mA
140
ISC
Short-Circuit Output Current
V
0.8
VIL
SHDN Logic Low
±4
±20
TA = +25°C
µA
±4
±25
IB+
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
RL = ∞
RL = 50Ω
V
2.0
VIH
SHDN Logic High
±6
TA = TMIN to TMAX
MAX4223/MAX4224
MAX4223/MAX4224
MAX4225–MAX4228
µV/°C
±2
TCVOS
Input Offset Voltage Drift
MAX4225–MAX4228
TA = TMIN to TMAX
±30
Input Bias Current
(Negative Input)
±35
IB-
TA = +25°C
MAX4223/MAX4224
MAX4225–MAX4228
MAX4223/MAX4224
MAX4225–MAX4228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com