Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS841N254BI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS841N254BI
Description  Fourth generation FemtoClock
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841N254BI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS841N254BI Datasheet HTML 3Page - Integrated Device Technology ICS841N254BI Datasheet HTML 4Page - Integrated Device Technology ICS841N254BI Datasheet HTML 5Page - Integrated Device Technology ICS841N254BI Datasheet HTML 6Page - Integrated Device Technology ICS841N254BI Datasheet HTML 7Page - Integrated Device Technology ICS841N254BI Datasheet HTML 8Page - Integrated Device Technology ICS841N254BI Datasheet HTML 9Page - Integrated Device Technology ICS841N254BI Datasheet HTML 10Page - Integrated Device Technology ICS841N254BI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ICS841N254BKI REVISION A NOVEMBER 6, 2013
7
©2013 Integrated Device Technology, Inc.
ICS841N254BI Data Sheet
FEMTOCLOCK® NG CRYSTAL-TO-LVDS/HCSL CLOCK SYNTHESIZER
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: Characterized using a 25MHz crystal.
NOTE 1: Please refer to the phase noise plots.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at the output differential
cross points.
NOTE 3: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 4: Defined as skew within a bank of outputs at the same voltage and with equal load conditions.
NOTE 5: Measurement taken from differential waveform.
NOTE 6: TSTABLE is the time the differential clock must maintain a minimum ±150mV differential voltage after rising/falling edges before it is
allowed to drop back into the VRB ±100mV differential range.
NOTE 7: Measurement taken from single ended waveform.
NOTE 8: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 9: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 10: Measured at crossing point where the instantaneous voltage value of the rising edge of Q equals the falling edge of nQ.
See Parameter Measurement Information Section.
NOTE 11: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement. See Parameter Measurement Information Section.
NOTE 12: Defined as the total variation of all crossing voltage of rising Q and falling nQ. This is the maximum allowed variance in the VCROSS
for any particular system. See Parameter Measurement Information Section.
NOTE 13: Measured from -150mV to +150mV on the differential waveform (derived from Q minus nQ). The signal must be monotonic through
the measurement region for rise and fall time. The 300mV measurement window is centered on the differential zero crossing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com