Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLC2425M8LS300P Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BLC2425M8LS300P
Description  Power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC2425M8LS300P Datasheet(HTML) 2 Page - NXP Semiconductors

  BLC2425M8LS300P_15 Datasheet HTML 1Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 2Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 3Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 4Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 5Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 6Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 7Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 8Page - NXP Semiconductors BLC2425M8LS300P_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLC2425M8LS300P
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Objective data sheet
Rev. 1 — 3 July 2015
2 of 12
NXP Semiconductors
BLC2425M8LS300P
Power LDMOS transistor
2.
Pinning information
3.
Ordering information
4.
Limiting values
[1]
Continuous use at maximum temperature will affect the reliability, for details refer to the on-line MTF
calculator.
5.
Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1drain1
2drain2
3gate1
4gate2
flange
source
Table 3.
Ordering information
Type number
Package
Name Description
Version
BLC2425M8LS300P
-
air cavity plastic earless flanged package; 4 leads
SOT1250-1
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
0.5
+13
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
[1] -
225
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-case) thermal resistance from junction to case
Tcase =80 C; PL = 300 W
0.2
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com