Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4370ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4370ESA
Description  Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4370ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4370ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4370ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Current-Regulating Hot-Swap Controller with
DualSpeed/BiLevel Fault Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +2.7V to +13.2V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VIN = +5V and TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: ON can be pulled below ground. Limiting the current to 2mA ensures that this pin is never lower than about -0.8V.
VIN to GND...........................................................................+15V
STAT to GND ..........................................................-0.3V to +14V
GATE to GND ..............................................-0.3V to (VIN + 8.5V)
ON to GND (Note 1) ................................................. -1V to +14V
CSPD to GND .............-0.3V to the lower of (VIN + 0.3V) or +12V
VSEN, CTIM to GND ....................................-0.3V to (VIN + 0.3V)
Current into ON...................................................................±2mA
Current into Any Other Pin................................................±50mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.9mW/°C above +70°C) ........................... 471mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) ............................ +300°C
Start-up is initiated only if VGATE is less than this
voltage
ON = VIN
IGATE = 8.5µA, measured above VIN
Measured with respect to VIN; voltage at which
internal clamp circuitry is triggered
During start-up (current regulation provided by
fast comparator)
Time from current overload to VGATE < 0.1V,
CGATE = 1000pF to GND (triggered by the fast
comparator during normal operation)
VSEN = VIN
VGATE = VIN (Note 4)
CTIM = floating
10mV overdrive, from overload condition to GATE
discharging
VIN - VSEN
VIN - VSEN
CSPD = floating
100nF on CTIM
100nF on CSPD to GND
CONDITIONS
V
0.1
Gate Overvoltage Threshold
V
2.7
5
Minimum Gate Drive Voltage
V
6.7
7.5
Maximum Gate Voltage
80
Gate Discharge Current
µs
60
tOFF
Turn-Off Time
µA
100
IGATE
Gate Charge Current
µs
5.5
ms
21
31
41
tSTART
Start-Up Period
(Note 3)
mA
0.6
1
IQ
Supply Current
V
2.7
13.2
VIN
Input Voltage Range
µA
0.2
10
IB,VSEN
VSEN Input Bias Current
ns
460
tFCD
Fast Comparator Response
Time
mV
180
200
220
VFC,TH
Fast Comparator Threshold
mV
45
50
55
VSC,TH
Slow Comparator
Threshold
µs
10
20
40
tCSPD
Slow Comparator Response
Time
ms
10
20
40
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
During turn-off, triggered by a fault in normal
operation or ON falling edge
µA
75
225
550
IGATE,DIS
POWER SUPPLIES
MOSFET DRIVER
CURRENT CONTROL
VIN ≥ 5V
VIN ≥ 2.7V
TA = +25°C
TA = TMIN to TMAX
43.5
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com