Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232BL_BQ Datasheet(PDF) 29 Page - Future Technology Devices International Ltd.

Part # FT232BL_BQ
Description  The FT232B is a USB to serial UART interface with the following advanced features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL_BQ Datasheet(HTML) 29 Page - Future Technology Devices International Ltd.

Back Button FT232BL_BQ Datasheet HTML 25Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 26Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 27Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 28Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 29Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 30Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 31Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232BL_BQ Datasheet HTML 33Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Copyright © 2011 Future Technology Devices International Limited
29
Document No.: FT_000329
FT232BL
/BQ USB UART IC Datasheet Version 2.2
Clearance No.: FTDI#
171
10.2 QFN Package Dimension
The FT232BQ is supplied in a 32 pin QFN package as standard.
Figure 10.2 32 LQFP Package Dimensions
The FT232BQ is supplied in lead (Pb) free, leadless QFN32 package. This package has a 5 mm x 5 mm
body with no protruding pins, and is ideal for for projects where package area is critical. In the above
drawing all dimensions are in millimetres. Note that two date code formats are used – XXYY = Date Code
where XX = 2 digit year number, YY = 2 digit week number; or XYY-1 where X = 1 digit year. Number,
YY = 2 digit week number. The FT232BQ is fully compliant with the European Union RoHS directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com