Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT232HQ Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # FT232HQ
Description  FT232H Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232HQ Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button FT232HQ Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 23Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 24Page - Future Technology Devices International Ltd. FT232HQ Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Copyright © 2014 Future Technology Devices International Limited
21
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.81
Clearance No.: FTDI #199
3.5.8 FT232H Pins Configured as a FT1248 Interface
The FT232H can be configured as a proprietary FT1248 interface. This mode is enabled in the external
EEPROM. When configured in this mode, the pins used and the descriptions of the signals are shown in
Table 3.13.
Pin No.
Name
Type
UART Configuration Description
13
MIOSIO0
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 0 used
to transmit and receive data from/to the master
14
MIOSIO1
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 1 used
to transmit and receive data from/to the master
15
MIOSIO2
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 2 used
to transmit and receive data from/to the master
16
MIOSIO3
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 3 used
to transmit and receive data from/to the master
17
MIOSIO4
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 4 used
to transmit and receive data from/to the master
18
MIOSIO5
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 5 used
to transmit and receive data from/to the master
19
MIOSIO6
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 6 used
to transmit and receive data from/to the master
20
MIOSIO7
INPUT /OUTPUT
Bi-directional synchronous command and data bus, bit 7 used
to transmit and receive data from/to the master
21
SCLK
INPUT
Serial clock used to drive the slave device data
27
SS_n
INPUT
Active low slave select 0 from master to slave
28
MISO
OUTPUT
Slave output used to transmit the status of the transmit and
receive buffers are empty and full respectively
Table 3.13 FT1248 Configured Pin Descriptions
For functional description of this mode, please refer to section 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com