Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OFMS1X8 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # OFMS1X8
Description  The OFMS series 1x8 optical fiber switch is based on Oplink?셲 patented opto-mechanical switches with unique prism design to improve the switch repeatability and stability.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

OFMS1X8 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  OFMS1X8 Datasheet HTML 1Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 2Page - OPLINK Communications Inc. OFMS1X8 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specification
Oplink Communications, Inc.
OFMS Series 1x8 Optical Fiber Switches
OFMS1x8 Series
Binary Control
(D2, D1, D0)
000
001
010
011
100
101
110
111
Selected Port
1
2
3
4
5
6
7
8
PIN#
Name
I/O
Function
1
Vcc1
Input
(5.0 ±5%) VDC Switch Power Supply (max 250 mA)
2
Agnd
Input
Analog Ground
3
D0
Input
LVTTL (Max 1.0 mA), Port Selection Bit 0 (MSB)
4
D1
Input
LVTTL (Max 1.0 mA), Port Selection Bit 1
5
D2
Input
LVTTL (Max 1.0 mA), Port Selection Bit 2 (MSB)
6
Start
Input
LVTTL, Start Strobe (Negative Transition Trigger, 5 µs Minimum, 100 µs
Maximum)
7
Ready
Output
LVTTL, Ready (High = Not Ready, Low = Ready)
8
Error
Output
LVTTL, Error (High = No Error, Low = Error)
9
Dgnd
Input
Digital Ground
10
Vcc2
Input
+3.3 (3.14~3.45) V Digital Power Supply (max 50mA)
Electrical Connector Configuration
Port Selection Control Logic
Low Voltage 3.3V CMOS Logic
Command
Minimum
Maximum
Unit
High Level Input Voltage
2.0
-
V
Low Level Input Voltage
0.0
0.8
V
High Level Output Voltage
2.4
-
V
Low Level Output Voltage
0.0
0.4
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com