Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4506ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4506ESA
Description  Fault-Protected, High-Voltage Signal-Line Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4506ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages Referenced to GND)
V+ ........................................................................-0.3V to +44.0V
V- .........................................................................-44.0V to +0.3V
V+ to V-................................................................-0.3V to +44.0V
IN_ or OUT_ .........................................................................±44V
IN_ Overvoltage with Power On...........................................±36V
IN_ Overvoltage with Power Off...........................................±40V
Continuous Current into Any Terminal..............................±30mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle).................................±70mA
Continuous Power Dissipation (TA = +70°C)
8-Pin Narrow SO (derate 5.88mW/°C above +70°C) ....471mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) .....727mW
8-Pin CERDIP (derate 8.00mW/°C above +70°C) ...........640mW
18-Pin Wide SO (derate 9.52mW/ °C above +70°C) .......762mW
18-Pin Plastic DIP (derate 11.11mW/ °C above +70°C) ...889mW
18-Pin CERDIP (derate 10.53mW/ °C above +70°C) ......842mW
20-Pin SSOP (derate 11.11mW/°C above +70°C) ...........640mW
Operating Temperature Ranges
MAX4506C_A /MAX4607C_ _ .............................0°C to +70°C
MAX4506E_A/MAX4607E_ _ ...........................-40°C to +85°C
MAX4506MJA/MAX4607MJN ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
RECOMMENDED OPERATING GUIDELINES
V+ to GND ..............................................................-0.3V to +40V
V- to GND ...............................................................-32V to +0.3V
V+ to V- ..................................................................................40V
IN_........................................................................................±40V
OUT_ ...............................................................................V+ to V-
IN_ to OUT_..........................................................40V Differential
Continuous Current into Any Terminal ..............................
≤30mA
Peak Current into Any Terminal
(pulsed at 1ms, 10% duty cycle) .................................
≤70mA
CIN
Input Capacitance
pF
20
VIN = 0, f = 1MHz
+25°C
VIN_
Fault-Protected Analog Signal
Range
V
-36
36
(Notes
2, 3)
C, E, M
Applies with power on
-20
0.1
20
-40
40
nA
C, E, M
-200
200
C, E
+25°C
VIN_= ±25V, VOUT_ = open
Applies with power off
IIN_
Input Signal-Path Leakage
Current, Supplies On
-10
10
65
100
RON
V
V-
V+
VIN_
Fault-Free Analog Signal Range
(Note 4)
-400
400
IOUT_ON
Signal-Path Leakage Current
(Note 7)
µA
-20
20
nA
-0.5
0.5
12
125
Ω
150
Analog Signal-Path Resistance
Ω
17
∆RON
Signal-Path Resistance Match
(Note 6)
10
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = +15V, V- = -15V,
VIN_ = ±15V
VOUT_ = ±10V, VIN_ = ±10V or
floating
VIN_ = ±10V, IOUT_ = 1mA
VIN_ = VOUT_ = ±10V, IOUT = 1mA
CONDITIONS
+25°C
C, E, M
M
C, E
+25°C
M
C, E
M
+25°C
C, E
M
TA
ANALOG SWITCH
FAULT PROTECTION
Note 1: OUT_ pins are not fault protected. Signals on OUT_ exceeding V+ or V- are clamped by internal diodes. Limit forward-diode
current to maximum current rating.
Note 2: IN_ pins are fault protected. Signals on IN_ exceeding -36V to +36V may damage the device. These limits apply with power
applied to V+ or V-, or ±40V with V+ = V- = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com