Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4495ASD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4495ASD
Description  SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4495ASD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4495ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4495ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
For pricing delivery, and ordering information please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX4493/MAX4494/MAX4495 single/dual/quad
general-purpose operational amplifiers are designed
for use in systems powered with dual supplies from
±2.25V to ±5.5V. These op amps provide a unity-gain
bandwidth of 5MHz with only 770µA of quiescent cur-
rent per amplifier. The wide input common-mode range
extends from 200mV beyond the negative rail to within
1.5V of the positive supply rail while the output swings
within 10mV (RL = 100k
Ω) of either rail.
These amplifiers have excellent (110dB) open-loop
gain with very low THD+N of 0.002% (f = 1kHz). The
single MAX4493 is available in a tiny 5-pin SC70 pack-
age and the dual MAX4494 is available in the space-
saving 8-pin SOT23. The quad MAX4495 is available in
both 14-pin TSSOP and 14-pin SO packages. All prod-
ucts are rated at the automotive temperature range of
-40°C to +125°C.
________________________Applications
Battery-Powered Systems
DAC Output Amplifiers
Industrial Control Systems
Voltage Reference Generators
Signal Conditioning
Features
o 770µA Supply Current per Amplifier
o Operates from Dual ±2.25V to ±5.5V Supplies
o 5MHz Gain-Bandwidth Product
o Rail-to-Rail® Output Swing
o Input Voltage Range Extends 200mV Below the
Negative Rail
o 110dB Open-Loop Gain (RL = 100kΩ)
o Low THD+N of 0.002% (f = 1kHz)
o No Phase Reversal for Overdriven Inputs
o Unity-Gain Stable
o Available in Space-Saving Packages
5-Pin SC70 (MAX4493)
8-Pin SOT23 (MAX4494)
14-Pin TSSOP (MAX4495)
SC70, Low-Power, General-Purpose,
Dual-Supply, Rail-to-Rail Op Amps
________________________________________________________________ Maxim Integrated Products
1
VEE
OUT
IN-
15 VCC
IN+
MAX4493
SC70/SOT23-5
TOP VIEW
2
34
Pin Configurations
19-1797; Rev 1; 10/01
Ordering Information
Pin Configurations continued at end of data sheet.
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX4493AXK-T
-40
°C to +125°C 5 SC70-5
ABR
MAX4493AUK-T
-40
°C to +125°C 5 SOT23-5
ADPG
MAX4494AKA-T
-40
°C to +125°C 8 SOT23-8
AAEM
MAX4494AUA
-40
°C to +125°C 8 µMAX
—
MAX4494ASA
-40
°C to +125°C 8 SO
—
MAX4495AUD
-40
°C to +125°C 14 TSSOP
—
MAX4495ASD
-40
°C to +125°C 14 SO
—
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Typical Operating Characteristic
TOTAL HARMONIC DISTORTION PLUS
NOISE vs. FREQUENCY
1
100k
10k
1k
100
10
FREQUENCY (Hz)
0
0.002
0.001
0.004
0.006
0.008
0.007
0.003
0.005
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX4495ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4495ASD MAXIM-MAX4495ASD Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4495ASD+ MAXIM-MAX4495ASD+ Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results

Similar Description - MAX4495ASD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com