Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4506C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4506C/D
Description  Fault-Protected, High-Voltage Signal-Line Protectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4506C/D Datasheet HTML 1Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4506C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4506/MAX4507 multiple, two-terminal signal-line
protectors are pin-compatible with the industry-standard
MAX366/MAX367. These new circuit protectors feature
fault-protected inputs and Rail-to-Rail® signal handling
capability. The input pins are protected from overvoltage
faults up to ±36V with power on or ±40V with power off.
During a fault condition, the input terminal becomes an
open circuit and only nanoamperes of leakage current
flow from the source; but the switch output (OUT_) fur-
nishes typically 19mA from the appropriate polarity sup-
ply to the load. This ensures unambiguous rail-to-rail
outputs when a fault begins and ends.
The MAX4506 contains three independent protectors
while the MAX4507 contains eight independent protec-
tors. They can protect both unipolar and bipolar analog
signals using either unipolar (+9V to +36V) or bipolar
(±8V to ±18V) power supplies.
These devices have no logic control inputs; the protec-
tors are designed to be always-on when the supplies
are on. On-resistance is 100
Ω max and matched within
7
Ω, and on-leakage is less than 0.5nA at TA = +25°C.
The MAX4506 is available in 8-pin SO/DIP packages.
The MAX4507 is available in 20-pin SSOP and 18-pin
SO/DIP packages.
Applications
Process-Control Systems
Hot-Insertion Boards/Systems
Data-Acquisition Systems
Redundant/Backup Systems
ATE Equipment
Sensitive Instruments
Features
o Overvoltage Protection
±40V with Power Off
±36V with Power On
o Open Signal Paths with Power Off
o Output Clamps to Either Rail with an Input
Overvoltage
o Any On Channel Output is Not Affected
by an Overvoltage to Any Other Channel
o 100
Ω max On-Resistance
o 10ns Overvoltage Turn-On Delay
o No Latchup During Power Sequencing
o Rail-to-Rail Signal Handling
o 500
Ω Output Clamp Resistance During
Overvoltage
Fault-Protected, High-Voltage
Signal-Line Protectors
________________________________________________________________
Maxim Integrated Products
1
OUT2
OUT3
V-
1
2
8
7
V+
OUT1
IN2
IN3
IN1
SO/DIP
3
4
6
5
MAX4506
TOP VIEW
SWITCHED +15V
MAX4506
IN3
V-
-15V
V+
+15V
3
4
5
OUT3
IN2
26
OUT2
IN1
17
OUT1
8
P
100k
OP AMP
Typical Operating Circuit
19-1415; Rev 1; 8/99
PART
MAX4506ESA
MAX4506EPA
MAX4506MJA
-55°C to +125°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
8 SO
8 Plastic DIP
8 CERDIP**
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
**
Contact factory for availability.
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
Pin Configurations continued at end of data sheet.
Pin Configurations
Ordering Information
MAX4506CPA
0°C to +70°C
8 Plastic DIP
MAX4506C/D
0°C to +70°C
Dice*
MAX4506CSA
0°C to +70°C
8 SO


Similar Part No. - MAX4506C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506C MAXIM-MAX4506C Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506CPA MAXIM-MAX4506CPA Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506CSA MAXIM-MAX4506CSA Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
More results

Similar Description - MAX4506C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
Fault-Protected Analog Multiplexer
Rev 0; 4/88
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
Fault Protected CAN Tranceiver
logo
Maxim Integrated Produc...
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com