Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4522EEE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4522EEE
Description  Quad, Low-Voltage, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4522EEE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4522EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4522EEE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Quad, Low-Voltage, SPST Analog Switches
______________________________________________________________________________________
11
PART
MAX4521EPE
MAX4521ESE
MAX4522CPE
0°C to +70°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
16 Plastic DIP
MAX4522CSE
0°C to +70°C
16 Narrow SO
MAX4522CEE
0°C to +70°C
16 QSOP
MAX4522C/D
0°C to +70°C
Dice*
MAX4522EPE
-40°C to +85°C
16 Plastic DIP
MAX4522ESE
-40°C to +85°C
16 Narrow SO
MAX4522EEE
-40°C to +85°C
16 QSOP
MAX4522MJE
-55°C to +125°C
16 CERDIP**
MAX4523CPE
0°C to +70°C
16 Plastic DIP
MAX4523CSE
0°C to +70°C
16 Narrow SO
MAX4523CEE
0°C to +70°C
16 QSOP
MAX4523C/D
0°C to +70°C
Dice*
MAX4523EPE
-40°C to +85°C
16 Plastic DIP
MAX4523ESE
-40°C to +85°C
16 Narrow SO
MAX4523EEE
-40°C to +85°C
16 QSOP
MAX4523MJE
-55°C to +125°C
16 CERDIP**
_Ordering Information (continued)
*
Contact factory for dice specifications.
**
Contact factory for availability.
___________________Chip Topography
0.057"
(1.45mm)
0.046"
(1.19mm)
COM4
"D"
COM1
IN3
IN2
COM3
COM2
IN1
"B"
GND
V-
"A"
"C"
IN4
V+
TRANSISTOR COUNT: 97
SUBSTRATE CONNECTED TO V+
A
B
C
D
A
B
C
D
A
B
C
D
MAX4521
MAX4522
MAX4523
PIN
NAME
NAME
NAME
PIN
PIN
NC1
NC4
NC3
NC2
NO1
NO4
NO3
NO2
NO1
NO4
NC3
NC2
MAX4521EEE
MAX4521MJE
-55°C to +125°C
-40°C to +85°C
16 QSOP
16 CERDIP**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com